Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMD-C660 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSMD-C660
Description  Right Angle Surface Mount Chip LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMD-C660 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSMD-C660 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMD-C660 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMD-C660 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMD-C660 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMD-C660 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMD-C660 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMD-C660 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMD-C660 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings at TA = 25°C
Parameter
HSMx-C660
Units
DC Forward Current[1]
25
mA
Power Dissipation
65
mW
Reverse Voltage (IR = 100 µA)
5
V
Operating Temperature Range
–30 to +85
°C
Storage Temperature Range[2]
–40 to +100
°C
Notes:
1. Derate linearly as shown on Figure 4.
2. Maximum temperature for the tape and reel packaging is 60
°C.
Optical Characteristics at TA = 25°C
Luminous
Color
Viewing
Luminous
Intensity Iv
Peak
Dominant
Angle
Efficacy
(mcd) @
Wavelength
Wavelength
2
θ1/
2
η
v
IF = 20 mA
λ
peak (nm)
λ
d
[1] (nm)
(degrees)[2]
(lm/W)
Part No.
Color
Min.
Typ.
Typ.
Typ.
Typ.
HSMH-C660
DH AlGaAs
6.3
16.0
650
639
155
80
Red
HSMS-C660
High
Efficiency
1.6
5.0
639
626
155
145
Red
HSMD-C660
Orange
1.6
5.0
606
604
155
380
HSMY-C660
Yellow
1.6
5.0
589
586
155
500
HSMG-C660
Green
4.0
9.0
570
572
155
595
Notes:
1. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
2.
θ1/
2 is the off-axis angle where the luminous intensity is
1/
2 the peak intensity.
Electrical Characteristics at TA = 25°C
Forward
Reverse
Voltage VF
Breakdown
Capacitance C
Thermal
(Volts) @
VR (Volts) @
(pF) VF = 0,
Resistance
IF = 20 mA
IR = 100 µA
f = 1 MHz
R
θ
J-PIN (°C/W)
Part No.
Color
Typ.
Max.
Min.
Typ.
HSMH-C660
DH AlGaAs
1.8
2.2
5
4.5
300
Red
HSMS-C660
High
Efficiency
1.9
2.6
5
4.0
300
Red
HSMD-C660
Orange
2.0
2.6
5
4.0
300
HSMY-C660
Yellow
2.1
2.6
5
3.0
300
HSMG-C660
Green
2.2
2.6
5
8.0
300


Similar Part No. - HSMD-C660

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-C650 HP-HSMD-C650 Datasheet
152Kb / 7P
   Surface Mount Chip LEDs
HSMD-C670 HP-HSMD-C670 Datasheet
152Kb / 7P
   Surface Mount Chip LEDs
More results

Similar Description - HSMD-C660

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-C660 AVAGO-HSMX-C660 Datasheet
157Kb / 7P
   Right Angle Surface Mount Chip LEDs
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com