Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMH-C660 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSMH-C660
Description  Right Angle Surface Mount Chip LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMH-C660 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSMH-C660 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMH-C660 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMH-C660 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMH-C660 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMH-C660 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMH-C660 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMH-C660 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMH-C660 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Figure 6. Recommended Reflow Soldering Profile.
235°C MAX.
10 SEC. MAX.
TIME
PRE-HEAT 125-145°C
3°C/SEC. MAX.
90 SEC. MAX.
ABOVE 183°C
3°C/SEC. MAX.
Figure 8. Reeling Orientation for the HSMx-C660.
CATHODE SIDE
PRINTED LABEL
USER FEED DIRECTION
Figure 7. Recommended Solder Patterns.
0.9
2.0
5.0
1.5
0.9
0.2
MOUNTING EXAMPLE FOR HSMx-C660 SERIES
EMITTED DIRECTION
HSMx-C660 SERIES
RWS CENTER


Similar Part No. - HSMH-C660

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMH-C660 AVAGO-HSMH-C660 Datasheet
157Kb / 7P
   Right Angle Surface Mount Chip LEDs
More results

Similar Description - HSMH-C660

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-C660 AVAGO-HSMX-C660 Datasheet
157Kb / 7P
   Right Angle Surface Mount Chip LEDs
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com