Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-2533 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HDSP-2533
Description  Eight Character 5 mm Smart Alphanumeric Display
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-2533 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HDSP-2533 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-2533 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-2533 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-2533 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-2533 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDSP-2533 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDSP-2533 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDSP-2533 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDSP-2533 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Table 2. Current Requirements at Different Brightness Levels
for All Colors Except AlGaAs
%VDD = 5.0 V
Symbol
D2
D1
D0
Brightness
25
°C Typ.
Units
IDD (V)
0
0
0
100
200
mA
001
80
160
mA
010
53
106
mA
0
1
1
40
80
mA
1
0
0
27
54
mA
1
0
1
20
40
mA
1
1
0
13
26
mA
Figure 5. Logic Levels to Access the Flash RAM.
Control Word Register
Figure 6 shows how to access the
Control Word Register. This is an
eight bit register which performs
five functions. They are
Brightness control, Flash RAM
control, Blinking, Self Test and
Clear. Each function is
independent of the others. How-
ever, all bits are updated during
each Control Word write cycle.
Brightness (Bits 0-2)
Bits 0-2 of the Control Word
adjust the brightness of the
display. Bits 0-2 are interpreted
as a three bit binary code with
code (000) corresponding to
maximum brightness and code
(111) corresponding to a blanked
display. In addition to varying the
display brightness, bits 0-2 also
vary the average value of IDD. IDD
can be calculated at any
brightness level by multiplying
the percent brightness level by
the value of IDD at the 100%
brightness level. These values of
IDD are shown in Table 2.
Flash Function (Bit 3)
Bit 3 determines whether the
flashing character attribute is on
or off. When bit 3 is a “1,” the
output of the Flash RAM is
checked. If the content of a loca-
tion in the Flash RAM is a “1,” the
associated digit will flash at
approximately 2 Hz. For an
external clock, the blink rate can
be calculated by dividing the
clock frequency by 28,672. If the
flash enable bit of the Control
Word is a “0,” the content of the
Flash RAM is ignored. To use this
function with multiple display
systems see the Reset section.
Blink Function (Bit 4)
Bit 4 of the Control Word is used
to synchronize blinking of all
eight digits of the display. When
this bit is a “1” all eight digits of
the display will blink at approxi-
mately 2 Hz. The actual rate is
dependent on the clock frequency.
For an external clock, the blink
rate can be calculated by dividing
the clock frequency by 28,672.
This function will override the
Flash function when it is active.
To use this function with multiple
display systems see the Reset
section.
Figure 6. Logic Levels to Access the Control Word Register


Similar Part No. - HDSP-2533

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2533 HP-HDSP-2533 Datasheet
201Kb / 16P
   Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2533 AVAGO-HDSP-2533 Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
HDSP-2533 AVAGO-HDSP-2533 Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
More results

Similar Description - HDSP-2533

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2533 AVAGO-HDSP-2533 Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDSP-253 HP-HDSP-253 Datasheet
201Kb / 16P
   Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-253X AVAGO-HDSP-253X Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
logo
Broadcom Corporation.
HDSP-253X BOARDCOM-HDSP-253X Datasheet
813Kb / 18P
   Eight Character 5-mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2107 AVAGO-HDSP-2107_10 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-210X AVAGO-HDSP-210X_08 Datasheet
344Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-210X AVAGO-HDSP-210X Datasheet
335Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
   Four Character Smart Alphanumeric Displays
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com