Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCU04 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHCU04
Description  Hex inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCU04 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCU04 Datasheet HTML 4Page - NXP Semiconductors 74AHCU04 Datasheet HTML 5Page - NXP Semiconductors 74AHCU04 Datasheet HTML 6Page - NXP Semiconductors 74AHCU04 Datasheet HTML 7Page - NXP Semiconductors 74AHCU04 Datasheet HTML 8Page - NXP Semiconductors 74AHCU04 Datasheet HTML 9Page - NXP Semiconductors 74AHCU04 Datasheet HTML 10Page - NXP Semiconductors 74AHCU04 Datasheet HTML 11Page - NXP Semiconductors 74AHCU04 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Sep 27
8
Philips Semiconductors
Product specification
Hex inverter
74AHCU04
TYPICAL TRANSFER CHARACTERISTICS
Fig.7 VCC = 5.5 V; IO =0.
handbook, halfpage
02
6
8
6
2
0
4
30
20
0
−10
10
MNA351
4
ID
(mA)
ID
VO
(V)
VO
Vi (V)
Fig.8 VCC = 3.0 V; IO =0.
handbook, halfpage
01
3
4
3
1
0
2
6
4
0
−2
2
MNA352
2
ID
(mA)
ID
VO
(V)
VO
Vi (V)
Fig.9 VCC = 2.0 V; IO =0.
handbook, halfpage
0
0.5
1
2
2
1.5
0.5
0
1
700
500
100
0
−100
300
MNA353
1.5
ID
(
µA)
ID
VO
(V)
VO
Vi (V)
Fig.10 Test set-up for measuring forward
transconductance gfs =dIo/dVi at Vo is
constant (see Fig.11).
handbook, halfpage
MNA354
VCC
Rbias = 560 kΩ
input
0.47
µF
100
µF
output
A
GND
Io
Vi
(f = 1 kHz)


Similar Part No. - 74AHCU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCU04 NXP-74AHCU04 Datasheet
88Kb / 14P
   Hex inverter
Rev. 03-14 November 2007
logo
Diodes Incorporated
74AHCU04 DIODES-74AHCU04 Datasheet
239Kb / 8P
   UNBUFFERED HEX INVERTERS
logo
Nexperia B.V. All right...
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
74AHCU04-Q100 NEXPERIA-74AHCU04-Q100 Datasheet
752Kb / 15P
   Hex unbuffered inverter
logo
NXP Semiconductors
74AHCU04BQ NXP-74AHCU04BQ Datasheet
88Kb / 14P
   Hex inverter
Rev. 03-14 November 2007
More results

Similar Description - 74AHCU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com