Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-52XY Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDSP-52XY
Description  14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-52XY Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDSP-52XY Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-52XY Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-52XY Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-52XY Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-52XY Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-52XY Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-52XY Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-52XY Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Absolute Maximum Ratings at TA=25°C
HER
Green
Yellow
HDSP-521E
HDSP-521G
HDSP-521Y
Parameter
HDSP-523E
HDSP-523G
HDSP-523Y Units
Average Power per Segment or DP
62.5
105
45
mW
Peak Forward Current per Segment or DP
90
90
60
mA
(1/10 Duty Cycle, 0.1 ms Pulse Width)
DC Forward Current per Segment or DP[1]
25[1]
30[3]
20[2]
mA
Reverse Voltage per Segment or DP
5
5
5
V
Operating Temperature
-35 to +85
-35 to +85
-35 to +85
°C
Storage Temperature
-35 to +85
-35 to +85
-35 to +85
°C
Lead Solder Temperature for 3 seconds[4]
260
260
260
°C
(2 mm [0.063 in.] Below Seating Plane)
Notes:
1. Derate above 25
°C at 0.33 mA/°C.
2. Derate above 25
°C at 0.27 mA/°C.
3. Derate above 40 celcius at 0.35 mA/celcius.
4. Not recommended to be soldered more than 2 times. Minimum interval between solderings is 15 minutes. Total soldering time not
to exceed 5 seconds.
Optical/Electrical Characteristics at TA=25°C
High Efficiency Red
Devices
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max. Units Conditions
Luminous Intensity/Segment
Iv
2.28
4.00
7.69
mcd
IF = 10 mA
(Segment Average)[1,2]
Forward Voltage/Segment or DP
VF
2.05
2.60
V
IF = 20 mA
521E
Peak Wavelength
PEAK
640
nm
523E
Dominant Wavelength[3]
d
628
nm
IF = 10 mA
Reverse Voltage/Segment or DP[4]
VR
5.0
V
IR = 100 µA
Temperature Coefficient of
VF/°C
-2
mV/
°C
VF/Segment or DP
Green
Devices
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max. Units Conditions
Luminous Intensity/Segment
Iv
2.28
3.50
5.13
mcd
IF = 10 mA
(Segment Average)[1,2]
Forward Voltage/Segment or DP
VF
2.0
2.4
V
IF = 10 mA
521G
Peak Wavelength
PEAK
568
nm
523G
Dominant Wavelength[3]
d
564.5
570
576.5
nm
IF = 10 mA
Reverse Voltage/Segment or DP[4]
VR
5.0
V
IR = 100 µA
Temperature Coefficient of
VF/°C-2
mV/
°C
VF/Segment or DP


Similar Part No. - HDSP-52XY

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results

Similar Description - HDSP-52XY

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-K40X HP-HDSP-K40X Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com