Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAALSS0027SMB Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAALSS0027SMB
Description  GPS Low Noise Amplifier 1.5 - 1.7 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0027SMB Datasheet(HTML) 4 Page - Tyco Electronics

  MAALSS0027SMB Datasheet HTML 1Page - Tyco Electronics MAALSS0027SMB Datasheet HTML 2Page - Tyco Electronics MAALSS0027SMB Datasheet HTML 3Page - Tyco Electronics MAALSS0027SMB Datasheet HTML 4Page - Tyco Electronics MAALSS0027SMB Datasheet HTML 5Page - Tyco Electronics MAALSS0027SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GPS Low Noise Amplifier
1.5 - 1.7 GHz
MAALSS0027
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
4
Typical Performance Curves
Broadband Gain and Return Loss @ 5 Volts
Broadband Gain and Return Loss @ 3 Volts
S21 @ 5 Volts
S21 @ 3 Volts
Noise Figure @ 5 Volts
Noise Figure @ 3 Volts
-20
-15
-10
-5
0
5
10
15
20
25
0.00.5
1.01.5
2.02.5
3.0
S21
S11
S22
Frequency (GHz)
-20
-15
-10
-5
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
S21
S11
S22
Frequency (GHz)
16
18
20
22
24
1.50
1.55
1.60
1.65
1.70
+25°C
-40°C
+85°C
Frequency (GHz)
16
18
20
22
24
1.50
1.55
1.60
1.65
1.70
+25°C
-40°C
+85°C
Frequency (GHz)
0
1
2
3
4
1.50
1.55
1.60
1.65
1.70
+25°C
-40°C
+85°C
Frequency (GHz)
0
1
2
3
4
1.50
1.55
1.60
1.65
1.70
+25°C
-40°C
+85°C
Frequency (GHz)


Similar Part No. - MAALSS0027SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0024SMB-01 MACOM-MAALSS0024SMB-01 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0024SMB-02 MACOM-MAALSS0024SMB-02 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0024TR MACOM-MAALSS0024TR Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0024TR-3000 MACOM-MAALSS0024TR-3000 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
More results

Similar Description - MAALSS0027SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0049 MACOM-MAALSS0049 Datasheet
294Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Skyworks Solutions Inc.
SKY65049-360LF SKYWORKS-SKY65049-360LF Datasheet
259Kb / 12P
   1.7 - 2.4 GHz Low Noise Amplifier
logo
Tyco Electronics
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
HBH Microwave GmbH
HA1002 HBH-HA1002 Datasheet
37Kb / 4P
   1.1 - 1.7 GHz Low Noise Amplifier
logo
Tyco Electronics
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Tyco Electronics
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
   1.575 GHz GPS Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com