Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA-4543-TR2G Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # ADA-4543-TR2G
Description  Silicon Bipolar Darlington Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADA-4543-TR2G Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button ADA-4543-TR2G Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADA-4543-TR2G Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADA-4543-TR2G Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADA-4543-TR2G Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADA-4543-TR2G Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADA-4543-TR2G Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADA-4543-TR2G Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADA-4543-TR2G Datasheet HTML 9Page - Agilent(Hewlett-Packard) ADA-4543-TR2G Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
ADA-4543 Typical Scattering Parameters, TA = 25°C, Id = 15 mA
Freq.
S11
S21
S12
S22
K
GHz
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
0.1
0.023
141.7
15.60
6.026
176
0.114
-0.6
0.051
-0.8
1.1
0.5
0.083
76.9
15.46
5.928
161.4
0.113
-3.2
0.068
18.9
1.1
0.9
0.165
51.8
15.20
5.753
147
0.111
-5.6
0.118
15.2
1.1
1.0
0.18
46.4
15.12
5.702
143.4
0.111
-6.2
0.129
12.3
1.1
1.5
0.238
22.4
14.63
5.389
127
0.109
-8.7
0.155
-2.1
1.1
1.9
0.265
8.8
14.19
5.12
114.3
0.108
-10.3
0.166
-12.2
1.1
2.0
0.272
5.1
14.09
5.066
111.3
0.107
-10.7
0.167
-14.2
1.1
2.5
0.292
-8.2
13.58
4.776
96.7
0.106
-12.2
0.166
-23.6
1.2
3.0
0.295
-20.7
13.13
4.532
82.8
0.105
-13.4
0.154
-32.4
1.2
3.5
0.291
-33.3
12.69
4.309
69.3
0.105
-14.3
0.135
-42
1.2
4.0
0.273
-47.8
12.28
4.112
56
0.106
-14.8
0.113
-54.4
1.3
4.5
0.256
-64.9
11.93
3.947
42.9
0.108
-15
0.092
-73.9
1.3
5.0
0.238
-84.7
11.48
3.75
29.6
0.111
-15.5
0.081
-98.8
1.3
5.5
0.23
-106.8
11.07
3.578
16.8
0.117
-15.9
0.084
-124.6
1.3
6.0
0.233
-128.8
10.63
3.399
3.9
0.125
-17.2
0.095
-148
1.3
6.5
0.229
-149.2
10.20
3.237
-8.6
0.137
-19.2
0.098
-170
1.3
7.0
0.223
-171.8
9.79
3.088
-21.2
0.151
-22.8
0.1
162.6
1.2
7.5
0.224
162
9.33
2.927
-34
0.164
-28.1
0.112
130
1.2
8.0
0.241
133.6
8.81
2.757
-46.8
0.177
-34.4
0.143
100
1.2
8.5
0.272
108.9
8.19
2.566
-59.2
0.187
-40.9
0.188
78.8
1.2
9.0
0.329
88.1
7.57
2.39
-71.1
0.199
-47.1
0.244
64.9
1.1
9.5
0.381
71.2
6.77
2.18
-83.5
0.211
-54.3
0.304
54.5
1.1
10.0
0.444
57.5
6.07
2.012
-95.2
0.22
-61.8
0.362
45.7
1.0
Notes:
1. S-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of the input lead. The
output reference plane is at the end of the output lead.


Similar Part No. - ADA-4543-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
More results

Similar Description - ADA-4543-TR2G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADA-4743 HP-ADA-4743 Datasheet
107Kb / 9P
   Silicon Bipolar Darlington Amplifier
logo
Broadcom Corporation.
ADA-4789 BOARDCOM-ADA-4789 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
Agilent(Hewlett-Packard...
ADA-4643 HP-ADA-4643 Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789 AVAGO-ADA-4789_15 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
ADA-4789 AVAGO-ADA-4789 Datasheet
385Kb / 13P
   Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
logo
New Jersey Semi-Conduct...
MPSU95 NJSEMI-MPSU95 Datasheet
82Kb / 2P
   PNP SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors(NPN Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com