Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC823EPAD Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC823EPAD
Description  MPC823e Mobile Computing Microprocessor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823EPAD Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC823EPAD Datasheet HTML 4Page - Motorola, Inc MPC823EPAD Datasheet HTML 5Page - Motorola, Inc MPC823EPAD Datasheet HTML 6Page - Motorola, Inc MPC823EPAD Datasheet HTML 7Page - Motorola, Inc MPC823EPAD Datasheet HTML 8Page - Motorola, Inc MPC823EPAD Datasheet HTML 9Page - Motorola, Inc MPC823EPAD Datasheet HTML 10Page - Motorola, Inc MPC823EPAD Datasheet HTML 11Page - Motorola, Inc MPC823EPAD Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
MPC823e Mobile Computing Microprocessor
MOTOROLA
PCMCIA-ATA Controller
The PCMCIA-ATA interface is a master controller that is compliant with Version 2.1 of the
PCMCIA standard. The interface supports one independent PCMCIA socket with the required
external transceivers or buffers. It provides eight memory or I/O windows that can be allocated to
the socket. If the PCMCIA port is not being used as a card interface, it can provide eight
general-purpose pins and two output-only pins with interrupt capability.
Power Management
The MPC823e microprocessor supports a wide range of power management features, including
normal high, normal low, doze, sleep, deep-sleep, and power-down modes. In normal high mode,
the MPC823e is fully powered with all internal units operating at the full speed of the processor.
Normal low mode is the same as normal high, except it operates at a much lower frequency. There
is a doze mode determined by a clock divider that allows the operating system to reduce the
operational frequency of the processor.
Doze mode disables core functional units except the timebase, decrementer, PLL, memory
controller, real-time clock, LCD controller, and communication processor module. Sleep mode is
a lower power mode that disables everything except the real-time clock, timebase, decrementer,
and periodic interrupt timer, thus leaving the PLL active for quick wake-up. The deep-sleep mode
then disables the PLL for lower power, but slower wake-up. Power-down mode disables all logic
in the processor, except the minimum logic required to restart the device. It saves the most power,
but requires the longest wake-up time.
System Debug Support
The MPC823e microprocessor contains an advanced debug interface that provides superior debug
capabilities without any loss of speed. It supports six watchpoint pins that can be combined with
eight internal comparators, four of which operate on the effective address of the address bus. The
other four comparators are split—two comparators operate on the effective address on the data bus
and two comparators operate on the data on the data bus. The MPC823 microprocessor can
compare using the =,
π, <, and > conditions to generate watchpoints. Each watchpoint can then
generate a breakpoint that can be programmed to trigger in a programmable number of events.
Applications
The MPC823e microprocessor is specifically designed to be a general-purpose, low-cost entry
point to the Motorola embedded PowerPC Family for systems in which advanced GUIs,
communications, and high-level real-time operating systems are used. The device excels in
applications that require the performance of a single-issue PowerPC core with an ample amount of
data and instruction cache. It provides all the basic features of glueless memory connections along
with highly functional serial connectivity, a graphical LCD, and a video display controller. The
MPC823e excels in low-power and portable applications because of its extensive power-down
modes and low normal operation current.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC823EPAD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC823 MOTOROLA-MPC823 Datasheet
234Kb / 74P
   Communication Processor Module
logo
Freescale Semiconductor...
MPC823 FREESCALE-MPC823 Datasheet
1Mb / 70P
   AC Electrical Specifications
MPC823 FREESCALE-MPC823 Datasheet
422Kb / 70P
   This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC823.
logo
NXP Semiconductors
MPC823 NXP-MPC823 Datasheet
3Mb / 242P
   Design Specification
Rev 0.1
logo
Motorola, Inc
MPC823UM_REV1_16-CPM7 MOTOROLA-MPC823UM_REV1_16-CPM7 Datasheet
234Kb / 74P
   Communication Processor Module
More results

Similar Description - MPC823EPAD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-1061 ETC-PL-1061 Datasheet
92Kb / 1P
   Mobile Computing System
logo
Intel Corporation
QG82945GMSL8Z2 INTEL-QG82945GMSL8Z2 Datasheet
39Kb / 1P
   Mobile Intel 945GM Express Chipset for Embedded Computing
915GME INTEL-915GME Datasheet
408Kb / 2P
   Mobile Intel짰 915GME Express Chipset for Embedded Computing
910GMLE INTEL-910GMLE Datasheet
708Kb / 2P
   Mobile Intel짰 910GMLE Express Chipset for Embedded Computing
945GSE INTEL-945GSE Datasheet
208Kb / 2P
   Mobile Intel짰 945GSE Express Chipset for Embedded Computing
945GME INTEL-945GME Datasheet
156Kb / 2P
   Mobile Intel짰 945GME Express Chipset for Embedded Computing
AC82GS45-SLB92 INTEL-AC82GS45-SLB92 Datasheet
223Kb / 4P
   Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
AC82GM45-SLB94 INTEL-AC82GM45-SLB94 Datasheet
223Kb / 4P
   Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
logo
Advantech Co., Ltd.
1700090301 ADVANTECH-1700090301 Datasheet
292Kb / 4P
   Embedded Computing Peripherals
logo
VIA Technologies, Inc.
VAB-820 VIA-VAB-820 Datasheet
750Kb / 2P
   Edge Computing Platforms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com