Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABA-52563-TR2G Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # ABA-52563-TR2G
Description  3.5 GHz Broadband Silicon RFIC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ABA-52563-TR2G Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  ABA-52563-TR2G Datasheet HTML 1Page - Agilent(Hewlett-Packard) ABA-52563-TR2G Datasheet HTML 2Page - Agilent(Hewlett-Packard) ABA-52563-TR2G Datasheet HTML 3Page - Agilent(Hewlett-Packard) ABA-52563-TR2G Datasheet HTML 4Page - Agilent(Hewlett-Packard) ABA-52563-TR2G Datasheet HTML 5Page - Agilent(Hewlett-Packard) ABA-52563-TR2G Datasheet HTML 6Page - Agilent(Hewlett-Packard) ABA-52563-TR2G Datasheet HTML 7Page - Agilent(Hewlett-Packard) ABA-52563-TR2G Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Device Models
Refer to Agilent’s web site
www.agilent.com/view/rf
Package Dimensions
Outline 63 (SOT-363/SC-70)
Recommended PCB Pad Layout for
Agilent's SC70 6L/SOT-363 Products
E
HE
D
e
A1
b
A
A2
Q1
L
c
DIMENSIONS (mm)
MIN.
1.15
1.80
1.80
0.80
0.80
0.00
0.10
0.15
0.10
0.10
MAX.
1.35
2.25
2.40
1.10
1.00
0.10
0.40
0.30
0.20
0.30
SYMBOL
E
D
HE
A
A2
A1
Q1
e
b
c
L
NOTES:
1. All dimensions are in mm.
2. Dimensions are inclusive of plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to EIAJ SC70.
5. Die is facing up for mold and facing down for trim/form,
ie: reverse trim/form.
6. Package surface to be mirror finish.
0.650 BCS
0.026
0.079
0.018
0.039
Dimensions in inches.
Ordering Information
Part Number
Devices per Container
Container
ABA-52563-TR1
3000
7" reel
ABA-52563-TR2
10000
13" reel
ABA-52563-BLK
100
antistatic bag
ABA-52563-TR1G
3000
7" reel
ABA-52563-TR2G
10000
13" reel
ABA-52563-BLKG
100
antistatic bag
Note: For lead-free option,the part number will have the character “G” at the end.


Similar Part No. - ABA-52563-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ABA-52563-TR2G BOARDCOM-ABA-52563-TR2G Datasheet
768Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
More results

Similar Description - ABA-52563-TR2G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ABA-53563 HP-ABA-53563 Datasheet
108Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563 HP-ABA-51563 Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-31563 HP-ABA-31563 Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-51563 AVAGO-ABA-51563 Datasheet
366Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-52563 AVAGO-ABA-52563 Datasheet
768Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-52563 BOARDCOM-ABA-52563 Datasheet
768Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563 BOARDCOM-ABA-51563 Datasheet
108Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-31563 BOARDCOM-ABA-31563 Datasheet
305Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-31563 AVAGO-ABA-31563 Datasheet
305Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-53563 BOARDCOM-ABA-53563 Datasheet
98Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com