Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABA-53563-TR1 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # ABA-53563-TR1
Description  3.5 GHz Broadband Silicon RFIC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ABA-53563-TR1 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  ABA-53563-TR1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ABA-53563-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ABA-53563-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ABA-53563-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ABA-53563-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ABA-53563-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ABA-53563-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ABA-53563-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FREQUENCY (GHz)
Figure 10. Input and Output VSWR vs.
Frequency.
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
6
1
34
2
5
VSWR IN
VSWR OUT
Figure 11. Supply Current vs. Voltage and
Temperature.
80
70
60
50
40
30
20
10
0
-40
°C
+25
°C
-85
°C
VOLTAGE (V)
02
1
45
6
3
7
ABA-53563 Typical Performance, continued
Tc = +25°C, Zo = 50Ω, Vcc = 5V unless stated otherwise.
Figure 9. Output IP3 vs. Frequency and
Temperature.
Figure 8. Output IP3 vs. Frequency and
Voltage.
FREQUENCY (GHz)
0
35
30
25
20
15
10
5
0
4
1
0.5
2
2.5
3
1.5
3.5
-40
°C
+25
°C
+85
°C
FREQUENCY (GHz)
0
35
30
25
20
15
10
5
0
4
1
0.5
2
2.5
3
1.5
3.5
4.5V
5V
5.5V


Similar Part No. - ABA-53563-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ABA-53563-TR1 AVAGO-ABA-53563-TR1 Datasheet
98Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier 3.5 dB noise figure
logo
Broadcom Corporation.
ABA-53563-TR1 BOARDCOM-ABA-53563-TR1 Datasheet
98Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-53563-TR1G AVAGO-ABA-53563-TR1G Datasheet
98Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier 3.5 dB noise figure
logo
Broadcom Corporation.
ABA-53563-TR1G BOARDCOM-ABA-53563-TR1G Datasheet
98Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
More results

Similar Description - ABA-53563-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ABA-52563 HP-ABA-52563 Datasheet
96Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563 HP-ABA-51563 Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-31563 HP-ABA-31563 Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-51563 AVAGO-ABA-51563 Datasheet
366Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-52563 AVAGO-ABA-52563 Datasheet
768Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-52563 BOARDCOM-ABA-52563 Datasheet
768Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563 BOARDCOM-ABA-51563 Datasheet
108Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-31563 BOARDCOM-ABA-31563 Datasheet
305Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-31563 AVAGO-ABA-31563 Datasheet
305Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-53563 BOARDCOM-ABA-53563 Datasheet
98Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com