Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC823PAD Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC823PAD
Description  MPC823e Mobile Computing Microprocessor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823PAD Datasheet(HTML) 4 Page - Motorola, Inc

  MPC823PAD Datasheet HTML 1Page - Motorola, Inc MPC823PAD Datasheet HTML 2Page - Motorola, Inc MPC823PAD Datasheet HTML 3Page - Motorola, Inc MPC823PAD Datasheet HTML 4Page - Motorola, Inc MPC823PAD Datasheet HTML 5Page - Motorola, Inc MPC823PAD Datasheet HTML 6Page - Motorola, Inc MPC823PAD Datasheet HTML 7Page - Motorola, Inc MPC823PAD Datasheet HTML 8Page - Motorola, Inc MPC823PAD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
MPC823e Mobile Computing Microprocessor
MOTOROLA
Serial Interface with the Two Time-Slot Assigners
— Allows Serial Communication Controllers and Serial Management Controllers to be
Used in Multiplexed and/or Nonmultiplexed Operation
— Supports T1, CEPT, PCM Highway, ISDN Basic Rate, ISDN Primary Rate,
User-Defined
— 1- or 8-Bit Resolution
— Allows Independent Transmit and Receive Routing, Frame Syncs, and Clocking
— Allows Dynamic Changes
— Can be Internally Connected to Four Serial Channels
General-Purpose Timers
— Four 16-Bit Timers or Two 32-Bit Timers
— Gate Mode Can Enable/Disable Counting
— Interrupt can be Masked on Reference Match and Event Capture
Interrupts
— Seven External Interrupt Request (IRQ) Lines
— One Nonmaskable Interrupt
— Twelve Port Pins with Interrupt Capability
— Ten Internal Interrupt Sources
— Programmable Highest Priority Request
Memory Controller (Eight Banks)
— Can be Programmed to Support Almost any Memory Interface
— Each Bank Can be a Chip-Select or RAS to Support a DRAM Bank
— A Maximum of 30 Wait States per Memory Bank Can be Programmed
— Glueless Interface to DRAM Single In-Line Memory Modules, Static RAM,
Electrically Programmable Read-Only Memory, Flash EPROM, or Synchronous
DRAM
— Four CAS Lines, Four WE Lines, and One OE Line
— Boot Chip-Select Available at Reset (Options for 8-, 16-, or 32-Bit Memory)
— Variable Block Sizes—32K to 256M
— Selectable Write Protection
— On-Chip Bus Arbitration Supports External Bus Master
— Special Features for Burst Mode Support
System Integration Unit
— Hardware Bus Monitor
— Spurious Interrupt Monitor
— Software Watchdog Timer
— Periodic Interrupt Timer
— Low-Power Stop Mode
— Clock Synthesizer
— PowerPC Decrementer and Timebase
— Real-Time Clock
— Reset Controller
— IEEE 1149.1 Test Access Port (JTAG)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC823PAD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC823 MOTOROLA-MPC823 Datasheet
234Kb / 74P
   Communication Processor Module
logo
Freescale Semiconductor...
MPC823 FREESCALE-MPC823 Datasheet
1Mb / 70P
   AC Electrical Specifications
MPC823 FREESCALE-MPC823 Datasheet
422Kb / 70P
   This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC823.
logo
NXP Semiconductors
MPC823 NXP-MPC823 Datasheet
3Mb / 242P
   Design Specification
Rev 0.1
logo
Motorola, Inc
MPC823UM_REV1_16-CPM7 MOTOROLA-MPC823UM_REV1_16-CPM7 Datasheet
234Kb / 74P
   Communication Processor Module
More results

Similar Description - MPC823PAD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-1061 ETC-PL-1061 Datasheet
92Kb / 1P
   Mobile Computing System
logo
Intel Corporation
QG82945GMSL8Z2 INTEL-QG82945GMSL8Z2 Datasheet
39Kb / 1P
   Mobile Intel 945GM Express Chipset for Embedded Computing
915GME INTEL-915GME Datasheet
408Kb / 2P
   Mobile Intel짰 915GME Express Chipset for Embedded Computing
910GMLE INTEL-910GMLE Datasheet
708Kb / 2P
   Mobile Intel짰 910GMLE Express Chipset for Embedded Computing
945GSE INTEL-945GSE Datasheet
208Kb / 2P
   Mobile Intel짰 945GSE Express Chipset for Embedded Computing
945GME INTEL-945GME Datasheet
156Kb / 2P
   Mobile Intel짰 945GME Express Chipset for Embedded Computing
AC82GS45-SLB92 INTEL-AC82GS45-SLB92 Datasheet
223Kb / 4P
   Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
AC82GM45-SLB94 INTEL-AC82GM45-SLB94 Datasheet
223Kb / 4P
   Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
logo
Advantech Co., Ltd.
1700090301 ADVANTECH-1700090301 Datasheet
292Kb / 4P
   Embedded Computing Peripherals
logo
VIA Technologies, Inc.
VAB-820 VIA-VAB-820 Datasheet
750Kb / 2P
   Edge Computing Platforms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com