Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC823LE Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPC823LE
Description  MPC823e Mobile Computing Microprocessor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823LE Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPC823LE Datasheet HTML 4Page - Motorola, Inc MPC823LE Datasheet HTML 5Page - Motorola, Inc MPC823LE Datasheet HTML 6Page - Motorola, Inc MPC823LE Datasheet HTML 7Page - Motorola, Inc MPC823LE Datasheet HTML 8Page - Motorola, Inc MPC823LE Datasheet HTML 9Page - Motorola, Inc MPC823LE Datasheet HTML 10Page - Motorola, Inc MPC823LE Datasheet HTML 11Page - Motorola, Inc MPC823LE Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
MPC823e Mobile Computing Microprocessor
MOTOROLA
Embedded PowerPC Core
The PowerPC core complies with standard PowerPC architecture. It has a fully static design that
consists of an integer block, hardware multiplier/divider block and a load/store block. The core
supports integer operations on a 32-bit internal data path and 32-bit arithmetic hardware. Its
interface to the internal and external buses is 32 bits. The core uses a two-instruction load/store
queue, four-instruction prefetch queue, and a six-instruction history buffer. It performs branch
folding and branch prediction with conditional prefetch, but without conditional execution. With
single bus cycles, the core can operate on 32-bit external operands and with critical-word-first in
multiple bus cycles. The PowerPC integer block supports 32 x 32-bit fixed-point general-purpose
registers and can execute one integer instruction per clock cycle.
The PowerPC core is integrated with the memory management units, an instruction cache, and a
data cache. The memory management units provide 32-entry, fully associative instruction and data
TLBs, with multiple page sizes of 4K (1K protection), 16K, 512K, and 8M. They support 16 virtual
address spaces and 16 protection groups. Special registers are available to support software
tablewalk and update.
The instruction cache is 16K, four-way, set-associative with physical addressing. It allows
single-cycle accesses on hit with no added latency for miss. It is four words per line and supports
burst line fill using an LRU replacement algorithm. The cache can be locked on a line basis for
application critical routines. The data cache is 8K, two-way, set-associative with physical
addressing. It allows single-cycle accesses on hit with one added clock latency for miss. It has four
words per line and supports burst line fill using an LRU replacement algorithm. The cache can be
locked on a line basis for application critical data and can be programmed to support copyback or
writethrough mode via the memory management unit. The cache-inhibit mode can be programmed
per MMU page. The PowerPC core, with its instruction and data caches, can deliver approximately
99MIPS at 75MHz (using Dhrystone 2.1) or 172K Dhrystones, based on the assumption that it is
issuing one instruction per cycle with a cache hit rate of 94%.
Communication Processor Module
The communication processor module contains features that allow the MPC823 microprocessor to
excel in imaging, personal communication, and low-power applications. These features are divided
into three categories:
DSP processing
Communication processing
Twelve serial DMA channels and two independent DMA channels
The MPC823e embedded DSP function allows the communication processor module to execute
imaging algorithms in parallel with the PowerPC core to achieve maximum performance with very
little power. The DSP can execute one 16x16 MAC on every clock cycle. It has preprogrammed
filtering functions like FIR, MOD, DEMOD, IIR, and downloadable imaging functions for JPEG
image compression and decompression.
The robust communication features of the MPC823e are provided by the communication processor
module. These features include a RISC microcontroller with multiply accumulate hardware, two
serial communication controllers, two serial management controllers, one dedicated serial channel
for the Universal Serial Bus, one inter-integrated circuit port, one serial peripheral interface, an 8K
dual-port RAM, interrupt controller, two time-slot assigners, and four independent baud rate
generators.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC823LE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC823 MOTOROLA-MPC823 Datasheet
234Kb / 74P
   Communication Processor Module
logo
Freescale Semiconductor...
MPC823 FREESCALE-MPC823 Datasheet
1Mb / 70P
   AC Electrical Specifications
MPC823 FREESCALE-MPC823 Datasheet
422Kb / 70P
   This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC823.
logo
NXP Semiconductors
MPC823 NXP-MPC823 Datasheet
3Mb / 242P
   Design Specification
Rev 0.1
logo
Motorola, Inc
MPC823UM_REV1_16-CPM7 MOTOROLA-MPC823UM_REV1_16-CPM7 Datasheet
234Kb / 74P
   Communication Processor Module
More results

Similar Description - MPC823LE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-1061 ETC-PL-1061 Datasheet
92Kb / 1P
   Mobile Computing System
logo
Intel Corporation
QG82945GMSL8Z2 INTEL-QG82945GMSL8Z2 Datasheet
39Kb / 1P
   Mobile Intel 945GM Express Chipset for Embedded Computing
915GME INTEL-915GME Datasheet
408Kb / 2P
   Mobile Intel짰 915GME Express Chipset for Embedded Computing
910GMLE INTEL-910GMLE Datasheet
708Kb / 2P
   Mobile Intel짰 910GMLE Express Chipset for Embedded Computing
945GSE INTEL-945GSE Datasheet
208Kb / 2P
   Mobile Intel짰 945GSE Express Chipset for Embedded Computing
945GME INTEL-945GME Datasheet
156Kb / 2P
   Mobile Intel짰 945GME Express Chipset for Embedded Computing
AC82GS45-SLB92 INTEL-AC82GS45-SLB92 Datasheet
223Kb / 4P
   Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
AC82GM45-SLB94 INTEL-AC82GM45-SLB94 Datasheet
223Kb / 4P
   Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
logo
Advantech Co., Ltd.
1700090301 ADVANTECH-1700090301 Datasheet
292Kb / 4P
   Embedded Computing Peripherals
logo
VIA Technologies, Inc.
VAB-820 VIA-VAB-820 Datasheet
750Kb / 2P
   Edge Computing Platforms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com