Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA75-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CA75-2
Description  Cascadable Amplifier 5 to 250 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CA75-2 Datasheet(HTML) 1 Page - Tyco Electronics

  CA75-2 Datasheet HTML 1Page - Tyco Electronics CA75-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cascadable Amplifier
5 to 250 MHz
A75-2/ SMA75-2
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Electrical Specifications: Z0 = 50Ω
Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
1-300
5-250
5-250
Small Signal Gain (min)
dB
21.0
20.0
19.0
Gain Flatness (max)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
28
Noise Figure (max)
dB
4.2
4.5
5.0
Power Output
@ 1 dB comp. (min)
dBm
8.0
7.0
6.5
IP3
dBm
+19
IP2
dBm
+26
Second Order Harmonic IP
dBm
+30
VSWR Input / Output (max)
1.4:1 / 1.4:1
1.7:1 / 1.7:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
24
26
28
Features
• AVAILABLE IN SURFACE MOUNT
• HIGH GAIN: 21.0 dB (TYP.)
• MEDIUM OUTPUT LEVEL: +8.0 dBm (TYP.)
Description
The A75-2 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Both TO-8 and Surface Mount packages are
Hermetically sealed, and MIL-STD-883 environmental screen-
ing is available
.
Product Image
Ordering Information
Part Number
Package
A75-2
TO-8
SMA75-2
Surface Mount
CA75-2
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 sec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.191 W
Junction Temperature Rise
Above Case Tjc
9ºC
* Over temperature performance limits for part number CA75-2, guaranteed from 0
oC to +50oC only.


Similar Part No. - CA75-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA75 MACOM-CA75 Datasheet
376Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
CA75 MA-COM-CA75 Datasheet
636Kb / 3P
   Cascadable Amplifier 5 to 500 MHz
logo
List of Unclassifed Man...
CA758E ETC1-CA758E Datasheet
264Kb / 5P
   RC Phase-Lock-Loop Stereo Decoder
More results

Similar Description - CA75-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A74-1 MACOM-A74-1 Datasheet
352Kb / 2P
   Cascadable Amplifier 5 to 250 MHz
logo
M/A-COM Technology Solu...
A74-1 MA-COM-A74-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 250 MHz
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
A70-3 MA-COM-A70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A81 MACOM-A81 Datasheet
106Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
A70 MACOM-A70_1 Datasheet
369Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
A81-1 MACOM-A81-1_1 Datasheet
401Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
Tyco Electronics
A70-3 MACOM-A70-3 Datasheet
107Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A82 MA-COM-A82_15 Datasheet
646Kb / 3P
   Cascadable Amplifier 20 to 250 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com