Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT373 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHCT373
Description  Octal D-type transparent latch; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT373 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT373 Datasheet HTML 4Page - NXP Semiconductors 74AHCT373 Datasheet HTML 5Page - NXP Semiconductors 74AHCT373 Datasheet HTML 6Page - NXP Semiconductors 74AHCT373 Datasheet HTML 7Page - NXP Semiconductors 74AHCT373 Datasheet HTML 8Page - NXP Semiconductors 74AHCT373 Datasheet HTML 9Page - NXP Semiconductors 74AHCT373 Datasheet HTML 10Page - NXP Semiconductors 74AHCT373 Datasheet HTML 11Page - NXP Semiconductors 74AHCT373 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1999 Nov 23
8
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC373; 74AHCT373
Family 74AHCT
Over recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85 −40 to +125
MIN.
TYP. MAX. MIN. MAX. MIN. MAX.
VIH
HIGH-level input
voltage
4.5 to 5.5 2.0
−−
2.0
2.0
V
VIL
LOW-level input
voltage
4.5 to 5.5
−−
0.8
0.8
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL;
IO = −50 µA
4.5
4.4
4.5
4.4
4.4
V
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
3.70
V
VOL
LOW-level output
voltage
VI =VIH or VIL;
IO =50 µA
4.5
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO = 8.0 mA
4.5
−−
0.36
0.44
0.55
V
II
input leakage
current
VI =VIH or VIL
5.5
−−
0.1
1.0
2.0
µA
IOZ
3-state output
OFF current
VI =VIH or VIL;
VO =VCC or GND
per input pin;
other inputs at
VCC or GND;
IO =0
5.5
−−
±0.25 −±2.5
−±10.0 µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
4.0
40
80
µA
∆I
CC
additional
quiescent supply
current per input
pin
VI =VCC − 2.1 V
other inputs at
VCC or GND;
IO =0
4.5 to 5.5
−−
1.35
1.5
1.5
mA
CI
input capacitance
−−
310
10
10
pF


Similar Part No. - 74AHCT373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT373 NXP-74AHCT373 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
74AHCT373D NXP-74AHCT373D Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
74AHCT373PW NXP-74AHCT373PW Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
More results

Similar Description - 74AHCT373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com