Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT259PW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AHCT259PW
Description  8-bit addressable latch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT259PW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AHCT259PW Datasheet HTML 6Page - NXP Semiconductors 74AHCT259PW Datasheet HTML 7Page - NXP Semiconductors 74AHCT259PW Datasheet HTML 8Page - NXP Semiconductors 74AHCT259PW Datasheet HTML 9Page - NXP Semiconductors 74AHCT259PW Datasheet HTML 10Page - NXP Semiconductors 74AHCT259PW Datasheet HTML 11Page - NXP Semiconductors 74AHCT259PW Datasheet HTML 12Page - NXP Semiconductors 74AHCT259PW Datasheet HTML 13Page - NXP Semiconductors 74AHCT259PW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2000 Mar 14
10
Philips Semiconductors
Product specification
8-bit addressable latch
74AHC259;
74AHCT259
AC CHARACTERISTICS
Type 74AHC259
GND = 0 V; tr =tf ≤ 3.0 ns.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 3.0 to 3.6 V; note 1
tPHL/tPLH
propagation delay
DtoQn
see Figs 5 and 11 15 pF
5.8
11.5
1.0
13.5
1.0
15.0
ns
propagation delay
An to Qn
see Figs 6 and 11
7.5
14.5
1.0
17.0
1.0
18.5
ns
propagation delay
LE to Qn
see Figs 7 and 11
6.2
12.0
1.0
14.0
1.0
15.2
ns
tPHL
propagation delay
MR to Qn
see Figs 8 and 11
5.4
10.5
1.0
12.5
1.0
13.5
ns
tPHL/tPLH
propagation delay
DtoQn
see Figs 5 and 11 50 pF
7.3
14.5
1.0
17.0
1.0
18.5
ns
propagation delay
An to Qn
see Figs 6 and 11
9.1
18.0
1.0
21.0
1.0
23.0
ns
propagation delay
LE to Qn
see Figs 7 and 11
7.7
15.5
1.0
17.5
1.0
19.0
ns
tPHL
propagation delay
MR to Qn
see Figs 8 and 11
7.0
13.5
1.0
15.5
1.0
17.0
ns
tW
LE pulse width
HIGH or LOW
see Figs 7 and 11
5.0
−−
5.0
5.0
ns
MR pulse width
LOW
see Figs 8 and 11
5.0
−−
5.0
5.0
ns
tsu
set-up time
Dto LE, An to LE
see Figs 9,
10 and 11
4.0
−−
4.0
4.0
ns
th
hold time D to LE,
An to LE
see Figs 9 and 11
1.0
−−
1.0
1.0
ns


Similar Part No. - 74AHCT259PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT259PW NXP-74AHCT259PW Datasheet
106Kb / 17P
   8-bit addressable latch
Rev. 02-15 May 2008
More results

Similar Description - 74AHCT259PW

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com