Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC374 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AHC374
Description  Octal D-type flip-flop; positive edge-trigger; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC374 Datasheet(HTML) 5 Page - NXP Semiconductors

  74AHC374 Datasheet HTML 1Page - NXP Semiconductors 74AHC374 Datasheet HTML 2Page - NXP Semiconductors 74AHC374 Datasheet HTML 3Page - NXP Semiconductors 74AHC374 Datasheet HTML 4Page - NXP Semiconductors 74AHC374 Datasheet HTML 5Page - NXP Semiconductors 74AHC374 Datasheet HTML 6Page - NXP Semiconductors 74AHC374 Datasheet HTML 7Page - NXP Semiconductors 74AHC374 Datasheet HTML 8Page - NXP Semiconductors 74AHC374 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1999 Sep 28
5
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
74AHC374;
74AHCT374
MNA198
Q4
D4
Q3
D3
Q2
D2
Q1
D1
Q0
D0
D
FF1
Q
CP
CP
D
FF2
Q
CP
D
FF3
Q
CP
D
FF4
Q
CP
D
FF5
Q
CP
D
FF6
Q
CP
D
FF7
Q
CP
D
FF8
Q
CP
OE
Q5
D5
Q6
D6
Q7
D7
Fig.5 Logic diagram.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
74AHC
74AHCT
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
DC supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
5.5
0
5.5
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
operating ambient temperature
range
see DC and AC
characteristics per
device
−40
+25
+85
−40
+25
+85
°C
−40
+25
+125
−40
+25
+125
°C
tr,tf (∆t/∆f) input rise and fall rates
VCC = 3.3 V ±0.3 V −−
100
−−−
ns/V
VCC =5V ±0.5 V
−−
20
−−
20


Similar Part No. - 74AHC374

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC374 NEXPERIA-74AHC374 Datasheet
607Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 03 - 12 June 2008
74AHC374-Q100 NEXPERIA-74AHC374-Q100 Datasheet
815Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
74AHC374D NEXPERIA-74AHC374D Datasheet
607Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 03 - 12 June 2008
74AHC374D-Q100 NEXPERIA-74AHC374D-Q100 Datasheet
815Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
74AHC374PW NEXPERIA-74AHC374PW Datasheet
607Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 03 - 12 June 2008
More results

Similar Description - 74AHC374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com