Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T103SHABE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # T103SHABE
Description  Subminiature Toggle Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T103SHABE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  T103SHABE Datasheet HTML 1Page - List of Unclassifed Manufacturers T103SHABE Datasheet HTML 2Page - List of Unclassifed Manufacturers T103SHABE Datasheet HTML 3Page - List of Unclassifed Manufacturers T103SHABE Datasheet HTML 4Page - List of Unclassifed Manufacturers T103SHABE Datasheet HTML 5Page - List of Unclassifed Manufacturers T103SHABE Datasheet HTML 6Page - List of Unclassifed Manufacturers T103SHABE Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Our easy Build-A-Switch concept allows you to mix and match options to create the switch you need. Below is a complete listing
of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box. Switches
with standard options are shown on pages A-40 and A-41. Available options are shown and described on pages A-41 thru A-45.
For additional options not shown in catalog, consult Customer Service Center. All models have epoxy terminal seal and are
compatible with all “bottom-wash” PCB cleaning methods.
Build-A-Switch
Features /Benefits
Typical Applications
S Compact size—small footprint
S Single and double pole models
S PC and panel mount options available
S Hand-held telecommunications
S Instrumentation
S Medical equipment
Models Available
Typical Example:
T1
0
1
S
H
Z
Q
E
Switch Function
T101 (STD.) SPDT On-None-On
T103 (STD.) SPDT On-Off-On
T105 (STD.) SPDT Mom.-Off-Mom.
T201 (STD.) DPDT On-None-On
T102 SPST Off-None-On
T107 SPDT On-Off-Mom.
T108 SPDT On-None-Mom.
T203 DPDT On-Off-On
T205 DPDT Mom.-Off-Mom.
T207 DPDT On-Off-Mom.
T208 DPDT On-None-Mom.
T211 DPDT On-On-On
Actuator
M (STD.) .210
 high
P3 (STD.) Flatted,
anti-rotation,
.450
 high
S (STD.) .370
 high
K Locking lever
K1 Locking lever
L .290
 high
L1 .620
 high
M1 .220
 high
S1 .410
 high
Terminations
A (STD.) Right angle, PC thru-hole
AV (STD.) Vertical right angle,
PC thru-hole
C (STD.) PC Thru-hole
V3 (STD.) Vertical mount V-bracket
Z (STD.) Solder lug
W Wire wrap
Contact Material
B (STD.) Gold
Q (STD.) Silver
K Gold
M Silver
G Gold over silver
L Gold over silver
Bushing
H (STD.) .220
 high, threaded, flat
H9 (STD.) .220
 high, unthreaded, flat
CF Splashproof, .310
 high, threaded, flat
D9 .260
 high, unthreaded, keyway
K9 .310
 high, unthreaded, keyway
T
.310
 high, threaded, flat
T9 .310
 high, unthreaded, flat
TD .260
 high, threaded, keyway
TK .310
 high, threaded, keyway
Y
.220
 high, threaded, keyway
Y9 .220
 high, unthreaded, keyway
Locking Lever Actuator Finish
NONE (STD.) Natural aluminum
2 Black
3 Red
7 Blue
Seal
E (STD.) Epoxy
Subminiature Toggle Switches
T Series
A
A-39
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @ 20 V AC or
DC max. Q contact material (TX01 models): 3 AMPS @
120 V AC or 28 V DC. All other models: 2 AMPS @
120 V AC or 28 V DC. See page A-45 for additional ratings.
ELECTRICAL LIFE: TX01 models: 60,000 make-and-break
cycles at full load. All other models: 30,000 cycles.
CONTACT RESISTANCE: Below 20 milliohms typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109 ohms min.
DIELECTRIC STRENGTH: 1000 V RMS min. @ sea level.
OPERATING TEMPERATURE: – 30
_C to 85_C.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Glass filled nylon 6/6, flame retardant, heat stabilized or
diallyl phthalate (DAP), (UL 94V-0).
ACTUATOR: Brass, chrome plated.
BUSHING: Brass, nickel plated.
HOUSING: Stainless steel.
SWITCH SUPPORT: Brass, tin plated.
END CONTACTS: B contact material: Copper alloy, with gold plate
over nickel plate. Q contact material: Coin silver, silver plated.
See page A-45 for additional contact materials.
CENTER CONTACTS & TERMINALS: B contact material: Copper alloy,
with gold plate over nickel plate. Q contact material: Copper alloy,
silver plated. See page A-45 for additional contact materials.
TERMINAL SEAL: Epoxy.
HARDWARE: Nut & Locking Ring: Brass, nickel plated.
Lockwasher: Steel, nickel plated.
Rev. A 8/99


Similar Part No. - T103SHABE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
T103SHABE ITT-T103SHABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
More results

Similar Description - T103SHABE

ManufacturerPart #DatasheetDescription
logo
C&K Components
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
   Subminiature Toggle Switches
15 Jan 21
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
logo
C&K Components
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
   Subminiature Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
26 Mar 21
logo
Copal Electronics
ATE COPAL-ATE Datasheet
874Kb / 10P
   Subminiature Toggle Switch
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com