Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA5-6 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMA5-6
Description  Cascadable Amplifier 5 to 600 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA5-6 Datasheet(HTML) 1 Page - Tyco Electronics

  SMA5-6 Datasheet HTML 1Page - Tyco Electronics SMA5-6 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cascadable Amplifier
5 to 600 MHz
A5-6 / SMA5-6
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
1
Electrical Specifications: Z0 = 50Ω
Ω, VCC = +15 VDC
Parameter
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
1-700
6-600
6-600
Small Signal Gain (min)
dB
16.0
15.0
14.5
Gain Flatness (max)
dB
±0.2
±0.7
±0.7
Reverse Isolation
dB
20
Noise Figure (max)
dB
4.5
5.5
6.0
Power Output
@ 1 dB comp. (min)
dBm
8.5
7.0
6.5
IP3
dBm
+21
IP2
dBm
+38
Second Order Harmonic IP
dBm
+42
VSWR Input / Output (max)
1.3:1 / 1.3:1
1.8:1 / 1.8:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
24
27
29
Units
Features
• FLAT BANDWIDTH: ±.2 dB (TYP.)
• LOW VSWR: 1.3:1 (TYP.)
• WIDE POWER SUPPLY RANGE: +8 to +15 VOLTS
Description
The A5-6 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Both TO-8 and Surface Mount packages are
Hermetically sealed, and MIL-STD-883 environmental screening
is available
.
Product Image
Ordering Information
Part Number
Package
A5-6
TO-8
SMA5-6
Surface Mount
CA5-6
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 sec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
170ºC/W
Transistor Power Dissipation Pd
0.184 W
Junction Temperature Rise
Above Case Tjc
+31ºC
* Over temperature performance limits for part number CA5-6, guaranteed from 0
oC to +50oC only.


Similar Part No. - SMA5-6

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SMA5-6 MA-COM-SMA5-6 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 600 MHz
SMA5-6 MA-COM-SMA5-6 Datasheet
646Kb / 3P
   Cascadable Amplifier
More results

Similar Description - SMA5-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A77-1 MACOM-A77-1_1 Datasheet
389Kb / 2P
   Cascadable Amplifier 5 to 600 MHz
logo
M/A-COM Technology Solu...
SMA5-6 MA-COM-SMA5-6 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 600 MHz
logo
Tyco Electronics
A77-1 MACOM-A77-1 Datasheet
104Kb / 1P
   5 TO 600 MHz CASCADABLE AMPLIFIER
A67-1 MACOM-A67-1 Datasheet
100Kb / 1P
   10 TO 600 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A67-1 MA-COM-A67-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 600 MHz
logo
Tyco Electronics
A67-1 MACOM-A67-1_1 Datasheet
385Kb / 2P
   Cascadable Amplifier 10 to 600 MHz
logo
M/A-COM Technology Solu...
A67-1 MA-COM-A67-1_15 Datasheet
649Kb / 3P
   Cascadable Amplifier 10 to 600 MHz
SMA11 MA-COM-SMA11 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 1000 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
   5 TO 500 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com