Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT30 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHCT30
Description  8-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT30 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHCT30 Datasheet HTML 1Page - NXP Semiconductors 74AHCT30 Datasheet HTML 2Page - NXP Semiconductors 74AHCT30 Datasheet HTML 3Page - NXP Semiconductors 74AHCT30 Datasheet HTML 4Page - NXP Semiconductors 74AHCT30 Datasheet HTML 5Page - NXP Semiconductors 74AHCT30 Datasheet HTML 6Page - NXP Semiconductors 74AHCT30 Datasheet HTML 7Page - NXP Semiconductors 74AHCT30 Datasheet HTML 8Page - NXP Semiconductors 74AHCT30 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Nov 30
2
Philips Semiconductors
Product specification
8-input NAND gate
74AHC30; 74AHCT30
FEATURES
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V
CDM EIA/JESD22-C101 exceeds 1000 V
• Balanced propagation delays
• Inputs accept voltages higher than VCC
• For AHC only: operates with CMOS input levels
• For AHCT only: operates with TTL input levels
• Output capability: standard
• ICC category: SSI
• Specified from −40 to +85 °C and −40 to +125 °C.
DESCRIPTION
The 74AHC/AHCT30 are high-speed Si-gate CMOS
devices and are pin compatible with Low power Schottky
TTL (LSTTL). They are specified in compliance with
JEDEC standard no. 7A.
The 74AHC/AHCT30 provide the 8-input NAND function.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑ (CL × VCC2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
AHC
AHCT
tPHL/tPLH
propagation delay
A, B, C, D, E, F, G, H to Y
CL = 15 pF; VCC = 5 V
3.6
3.3
ns
CI
input capacitance
3.0
3.0
pF
CO
output capacitance
4.0
4.0
pF
CPD
power dissipation capacitance
CL = 50 pF; f = 1 MHz;
notes 1 and 2
10
12
pF


Similar Part No. - 74AHCT30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT30 NXP-74AHCT30 Datasheet
94Kb / 14P
   8-input NAND gate
Rev. 03-26 June 2009
74AHCT30 PHILIPS-74AHCT30 Datasheet
94Kb / 14P
   8-input NAND gate
Rev. 03-26 June 2009
logo
Nexperia B.V. All right...
74AHCT30 NEXPERIA-74AHCT30 Datasheet
255Kb / 16P
   8-input NAND gate
Rev. 5 - 6 May 2020
74AHCT30-Q100 NEXPERIA-74AHCT30-Q100 Datasheet
704Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHCT30BQ NXP-74AHCT30BQ Datasheet
94Kb / 14P
   8-input NAND gate
Rev. 03-26 June 2009
More results

Similar Description - 74AHCT30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
   8 Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
   8-input NAND Gate
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
   8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
   8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
   8-Input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
   8-Input NAND Gate
logo
Hitachi Semiconductor
HD14068B HITACHI-HD14068B Datasheet
67Kb / 7P
   8-input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC30A KODENSHI-KK74HC30A Datasheet
260Kb / 5P
   8-Input NAND Gate
logo
STMicroelectronics
M74HCT30 STMICROELECTRONICS-M74HCT30 Datasheet
138Kb / 8P
   8-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com