Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82H-P60005 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # S82H-P60005
Description  Industrial Power Supply with Power Factor Correction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82H-P60005 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button S82H-P60005 Datasheet HTML 5Page - Omron Electronics LLC S82H-P60005 Datasheet HTML 6Page - Omron Electronics LLC S82H-P60005 Datasheet HTML 7Page - Omron Electronics LLC S82H-P60005 Datasheet HTML 8Page - Omron Electronics LLC S82H-P60005 Datasheet HTML 9Page - Omron Electronics LLC S82H-P60005 Datasheet HTML 10Page - Omron Electronics LLC S82H-P60005 Datasheet HTML 11Page - Omron Electronics LLC S82H-P60005 Datasheet HTML 12Page - Omron Electronics LLC S82H-P60005 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
S82H
S82H
9
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
S82H-
j100jj (100 W)
S82H-
j150jj (150 W)
M4 terminal screws
Four, M4 (depth: 6 max.)
Four, M3 (depth: 6 max.)
Four, 5 dia.
Four, 4 dia.
25 max.
Four, M3 holes for mounting bracket (depth: 4) (including opposite side)
Four, M4 holes (depth: 6 max.) (facing side only)
Mounting Holes
(A)
(B)
(A): Compatible with conventional S82H (100 W) models
(B): Compatible with S82P (100 W) discontinued models
Mounting Holes
Side Mounting
Bottom Mounting
80
±0.5
35
±0.5
Four, M4 holes (depth: 6 max.)
Four, M3 holes for mounting bracket (depth: 4) (including opposite side)
M4 terminal screws
Four, 5 dia.
Four, 5 dia.


Similar Part No. - S82H-P60005

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

Similar Description - S82H-P60005

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
   Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
   Power Factor Correction
B25667B4207A175 EPCOS-B25667B4207A175 Datasheet
135Kb / 3P
   Power Factor Correction
logo
Interpion semiconductor
IP3002 INTERPION-IP3002 Datasheet
227Kb / 11P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com