Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82H-P30024 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # S82H-P30024
Description  Industrial Power Supply with Power Factor Correction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82H-P30024 Datasheet(HTML) 5 Page - Omron Electronics LLC

  S82H-P30024 Datasheet HTML 1Page - Omron Electronics LLC S82H-P30024 Datasheet HTML 2Page - Omron Electronics LLC S82H-P30024 Datasheet HTML 3Page - Omron Electronics LLC S82H-P30024 Datasheet HTML 4Page - Omron Electronics LLC S82H-P30024 Datasheet HTML 5Page - Omron Electronics LLC S82H-P30024 Datasheet HTML 6Page - Omron Electronics LLC S82H-P30024 Datasheet HTML 7Page - Omron Electronics LLC S82H-P30024 Datasheet HTML 8Page - Omron Electronics LLC S82H-P30024 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
S82H
S82H
5
Overload Protection
The Power Supply is provided with an overload protection function
that protects the load and the power supply from possible damage
by overcurrent. When the output current rises above a set value
(105% of the rated output current for S82H), the protection function
is triggered, decreasing the output voltage. When the output current
falls within the rated range, the overload protection function is auto-
matically cleared.
100- and 150-W Models
Rated
voltage
Output current (%)
In addition to the protection described in the left column, in the case
of the 300- and 600-W models, if the low voltage condition continues
for more than 5 s, shut off the output. In this situation, reset is not
automatic. The input power must be turned off for at least 1 minute,
and then turned on again to reset the Power Supply.
300- and 600-W Models
Output current (%)
Rated
voltage
Note:
If the product is continuously used under short-circuit or overcurrent conditions, deterioration or damage to internal elements may
occur.
Overvoltage Protection
The Power Supply is provided with an overvoltage protection function that protects the load and the Power Supply from possible damage by
overvoltage. When the output voltage rises above a set value (120% of the rated output voltage), the protection function is triggered, shutting off
the output voltage. If this occurs, reset the S82H by turning it off for more than 1 minute and then turning it on again.
Overvoltage
Variable
Rated output
voltage
–10%
+10%
Approx. +20%
Inrush Current, Rise Time, Hold Time
Rise time
Output hold time
Input OFF
Input ON
AC input voltage
Inrush current when
input is turned ON
Output voltage
AC input current


Similar Part No. - S82H-P30024

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

Similar Description - S82H-P30024

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
   Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
   Power Factor Correction
B25667B4207A175 EPCOS-B25667B4207A175 Datasheet
135Kb / 3P
   Power Factor Correction
logo
Interpion semiconductor
IP3002 INTERPION-IP3002 Datasheet
227Kb / 11P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com