Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M55342M02B10E0C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M55342M02B10E0C
Description  Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M55342M02B10E0C Datasheet(HTML) 2 Page - Vishay Siliconix

  M55342M02B10E0C Datasheet HTML 1Page - Vishay Siliconix M55342M02B10E0C Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
55
RCWPM, RCWM, RCM
Vishay Dale
Document Number: 31010
Revision 11-Mar-03
For Technical Questions, contact: ff2bresistors@vishay.com
CODE LETTERS (Tolerance & Multipliers)
TOLERANCE
11D3 = 11.3
Ω ± 1%
10E0 = 10k
Ω ± 1%
332D = 332
Ω ± 1%
2F21 = 2.21M
Ω ± 1%
51G0= 51
Ω ± 2%
10H0 = 10k
Ω ± 2%
33H0 = 33k
Ω ± 2%
22T0 = 22M
Ω ± 2%
± 1%
D
E
F
± 5%
J
K
L
± 2%
G
H
T
± 10%
M
N
P
MULTIPLIER
1
1,000
1,000,000
VALUE
RANGE
(Ohms)
1 - 9xx
1k - 9xxk
1M - 10M
15J0 = 15
Ω ± 5%
10K0 = 10k
Ω ± 5%
560K = 560k
Ω ± 5%
8L20 = 8.2M
Ω ± 5%
10M0= 10
Ω ± 10%
10N0 = 10k
Ω ± 10%
2P70 = 2.7M
Ω ± 10%
8P20 = 8.2M
Ω ± 10%
DIMENSIONS in inches [millimeters]
VISHAY DALE
MODEL
RCWPM-550, RCWM-550
RCM-550
RCWPM-5100, RCWM-5100
RCM-5100
RCWPM-5150, RCWM-5150
RCM-5150
RCWPM-7225, RCWM-7225
RCM-7225
RCWPM-575, RCWM-575
RCM-575
RCWPM-1206, RCWM-1206
RCM-1206
RCWPM-2010, RCWM-2010
RCM-2010
RCWPM-2512, RCWM-2512
RCM-2512
RCWPM-1100, RCWM-1100
RCM-1100
RCWPM-0603-60
MIL-PRF-55342
STYLE
RM0505
RM1005
RM1505
RM2208
RM0705
RM1206
RM2010
RM2512
RM1010
RM0603
MIL.
SHEET
NO.
02
03
04
05
06
07
08
09
10
12
A
± 0.005 [0.127]
0.050 [1.27]
0.055 [1.40]
0.100 [2.54]
0.105 [2.67]
0.150 [3.81]
0.155 [3.94]
0.225 [5.72]
0.230 [5.84]
0.075 [1.91]
0.080 [2.03]
0.120 [3.05]
0.125 [3.18]
0.200 [5.08]
0.205 [5.21]
0.250 [6.35]
0.255 [6.48]
0.100 [2.54]
0.105 [2.67]
0.063 [1.60]
B
± 0.005 [0.127]
0.010 [0.254]
0.010 [0.254]
0.015 [0.381]
0.015 [0.381]
0.015 [0.381]
0.015 [0.381]
0.015 [0.381]
0.015 [0.381]
0.015 [0.381]
0.015 [0.381]
0.015 [0.381]
0.015 [0.381]
0.020 [0.508]
0.015 [0.381]
0.020 [0.508]
0.015 [0.381]
0.015 [0.381]
0.015 [0.381]
0.012 [0.305]
C
± 0.005 [0.127]
0.050 [1.27]
0.050 [1.27]
0.050 [1.27]
0.050 [1.27]
0.050 [1.27]
0.050 [1.27]
0.075 [1.91]
0.075 [1.91]
0.050 [1.27]
0.050 [1.27]
0.060 [1.52]
0.060 [1.52]
0.100 [2.54]
0.100 [2.54]
0.125 [3.18]
0.125 [3.18]
0.100 [2.54]
0.100 [2.54]
0.031 [0.793]
Thick Film Chip Resistors, Military/Established Reliability
Examples:
RCWPM/RCWM
(Wraparound termination)
0.015
± 0.005
[0.381
± 0.127]
A
0.020
± 0.005
[0.508
± 0.127]
B
C
RCM
(One-surface termination)
A
B
C
Derating
120
100
80
60
40
20
0
- 55
-25
0
25
50
75
100
125
150 175
Ambient Temperature in
°C
70
0.020
± 0.005
[0.508
± 0.127]


Similar Part No. - M55342M02B10E0C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M55342M02B10E0CS2T VISHAY-M55342M02B10E0CS2T Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
M55342M02B10E0CS3T VISHAY-M55342M02B10E0CS3T Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
M55342M02B10E0CS6T VISHAY-M55342M02B10E0CS6T Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
M55342M02B10E0CTPT VISHAY-M55342M02B10E0CTPT Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
M55342M02B10E0CULT VISHAY-M55342M02B10E0CULT Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
More results

Similar Description - M55342M02B10E0C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWPM VISHAY-RCWPM_15 Datasheet
372Kb / 5P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 15-Oct-15
M55342K06B15E0RS3 VISHAY-M55342K06B15E0RS3 Datasheet
109Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 22-Nov-12
RCWPM-07 VISHAY-RCWPM-07 Datasheet
59Kb / 3P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 30-Aug-06
RCWPM VISHAY-RCWPM_08 Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL_15 Datasheet
146Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 25-Aug-15
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com