Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M67766B Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M67766B
Description  820-851MHz, 12.5V, 6W, FM MOBILE RADIO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M67766B Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M67766B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M67766B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M67766B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M67766B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M67766B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M67766B IMD3,5,7 vs. Po
f=849MHz,Vbb=Vcc1=8V,Vcc2=12.5V,Zg=Zl=50ohms,Tc=25deg.C
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
Pout ave. (W)
IMD3(+25deg.C)
IMD5(+25deg.C)
IMD7(+25deg.C)
IMD3(-30deg.C)
IMD5(-30deg.C)
IMD7(-30deg.C)
IMD3(+100deg.C)
IMD5(+100deg.C)
IMD7(+100deg.C)


Similar Part No. - M67766B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M67766A MITSUBISHI-M67766A Datasheet
99Kb / 2P
   824-849MHz, 12.5V, 6W, MOBILE RADIO
M67766C MITSUBISHI-M67766C Datasheet
33Kb / 2P
   806-825MHz, 12.5V, 16W, DIGITAL MOBILE RADIO
More results

Similar Description - M67766B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA06H8285M MITSUBISHI-RA06H8285M_10 Datasheet
94Kb / 9P
   820-851MHz 6W 12.5V, 3 Stage Amp. For MOBILE RADIO
M68761 MITSUBISHI-M68761 Datasheet
39Kb / 3P
   SILICON MOS FET POWER AMPLIFIER, 820-851MHz, 6W, FM MOBILE RADIO
RA06H8285M MITSUBISHI-RA06H8285M_11 Datasheet
186Kb / 9P
   RoHS Compliance, 820-851MHz 6W 12.5V, 3 Stage Amp. For MOBILE RADIO
M67759 MITSUBISHI-M67759 Datasheet
83Kb / 2P
   872-905MHz, 12.5V, 6W, FM MOBILE RADIO???
M67754 MITSUBISHI-M67754 Datasheet
305Kb / 3P
   824-849MHz, 12.5V, 6W, FM MOBILE RADIO
M68701 MITSUBISHI-M68701 Datasheet
28Kb / 3P
   SILICON MOS FET POWER AMPLIFIER, 820-851MHz, 6W, FM PORTABLE RADIO
M67766A MITSUBISHI-M67766A Datasheet
99Kb / 2P
   824-849MHz, 12.5V, 6W, MOBILE RADIO
M68703MA MITSUBISHI-M68703MA Datasheet
14Kb / 1P
   430-450MHz, 12.5V, 50W, FM MOBILE RADIO
M57704SH MITSUBISHI-M57704SH Datasheet
44Kb / 1P
   490-512MHz 12.5V,13W,FM MOBILE RADIO???
M68750 MITSUBISHI-M68750 Datasheet
21Kb / 2P
   144-148MHz, 12.5V, 27W, FM MOBILE RADIO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com