Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

530401B00150 Datasheet(PDF) 1 Page - Aavid, Thermal Division of Boyd Corporation

Part # 530401B00150
Description  For use with TO-218 packages
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

530401B00150 Datasheet(HTML) 1 Page - Aavid, Thermal Division of Boyd Corporation

  530401B00150 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 530401B00150 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For use with TO-218 packages
530401b00100
VIS#001684
Mechanical Outline Drawing
A Dim 21.08 (.830)
Thermal resistance value is
based on a 75°C rise in
natural convection
Thermal
Resistance
6.3
Page 1 of 2
Standard Products Found
2/25/2003
http://www.aavidthermalloy.com/bin/stdisp_print.pl?Pnum=530401b00100


Similar Part No. - 530401B00150

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
530401B00150G AAVID-530401B00150G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
More results

Similar Description - 530401B00150

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
513201B02500 AAVID-513201B02500 Datasheet
84Kb / 2P
   For use with TO-218 packages
529801B02500 AAVID-529801B02500 Datasheet
83Kb / 2P
   For use with TO-218 packages
530001B02500 AAVID-530001B02500 Datasheet
84Kb / 2P
   For use with TO-218 packages
530101B00150 AAVID-530101B00150 Datasheet
86Kb / 2P
   For use with TO-218 packages
568000B00000 AAVID-568000B00000 Datasheet
86Kb / 2P
   For use with To-220/TO-218 packages
592201B03400 AAVID-592201B03400 Datasheet
90Kb / 2P
   For use with TO-218 or TO-247 packages
501503B00100 AAVID-501503B00100 Datasheet
87Kb / 2P
   For use with TO-3 packages
513102B02500 AAVID-513102B02500 Datasheet
82Kb / 2P
   For use with TO-220 packages
530613B00000 AAVID-530613B00000 Datasheet
78Kb / 2P
   For use with TO-220 packages
553103B00000 AAVID-553103B00000 Datasheet
78Kb / 2P
   For use with TO-3 packages
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com