Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT157PWDH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AHCT157PWDH
Description  Quad 2-input multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT157PWDH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AHCT157PWDH Datasheet HTML 6Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 7Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 8Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 9Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 10Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 11Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 12Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 13Page - NXP Semiconductors 74AHCT157PWDH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1999 Sep 24
10
Philips Semiconductors
Product specification
Quad 2-input multiplexer
74AHC157;
74AHCT157
Type 74AHCT157
GND = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values at VCC = 5.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 4.5 to 5.5 V; note 1
tPHL/tPLH
propagation delay
nI0 to nY; nI1 to nY
see Figs 7 and 8 15 pF
3.2
6.4
1.0
7.5
1.0
8.0
ns
propagation delay
StonY
3.7
8.6
1.0
10.0
1.0
11.0
ns
propagation delay
EtonY
see Figs 6 and 8
4.7
8.1
1.0
9.5
1.0
10.5
ns
propagation delay
nI0 to nY; nI1 to nY
see Figs 7 and 8 50 pF
4.6
8.7
1.0
9.8
1.0
11.0
ns
propagation delay
StonY
5.2
10.4
1.0
12.0
1.0
13.0
ns
propagation delay
EtonY
see Figs 6 and 8
6.7
10.6
1.0
12.0
1.0
13.5
ns
AC WAVEFORMS
Fig.6
The enable input (E) to output (nY)
propagation delays.
FAMILY
VI INPUT
REQUIREMENTS
VM(1)
INPUT
VM(1)
OUTPUT
AHC
GND to VCC
50% VCC 50% VCC
AHCT
GND to 3.0 V
1.5 V
50% VCC
handbook, halfpage
MNA485
tPHL
tPLH
VM
(1)
VM
(1)
E INPUT
nY OUTPUT
GND
VCC
VOH
VOL
Fig.7
The data inputs (nI0,nI1) and common data
select input (S) to output (nY) propagation
delays.
FAMILY
VI INPUT
REQUIREMENTS
VM(1)
INPUT
VM(1)
OUTPUT
AHC
GND to VCC
50% VCC 50% VCC
AHCT
GND to 3.0 V
1.5 V
50% VCC
handbook, halfpage
MNA486
tPHL
tPLH
VM
(1)
VM
(1)
nI0, nI1, S
INPUT
nY OUTPUT
GND
VI
VOH
VOL


Similar Part No. - 74AHCT157PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT157PW NXP-74AHCT157PW Datasheet
95Kb / 16P
   Quad 2-input multiplexer
Rev. 02-9 November 2007
logo
Nexperia B.V. All right...
74AHCT157PW NEXPERIA-74AHCT157PW Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 10 September 2020
74AHCT157PW-Q100 NEXPERIA-74AHCT157PW-Q100 Datasheet
719Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
74AHCT157PW-Q100 NEXPERIA-74AHCT157PW-Q100 Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 2 - 10 September 2020
More results

Similar Description - 74AHCT157PWDH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com