Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-C027 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC-C027
Description  LOW NOISE AMPLIFIER MODULE, 29 - 36 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C027 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC-C027 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C027 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C027 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C027 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C027 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C027 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
9
9 - 77
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1
RFIN &
RF Ground
RF input connector, coaxial female, field replaceable.
This pin is AC coupled and matched to 50 Ohms
from 29 - 36 GHz.
2, 5, 6
GND
One of these pins must be
connected to power supply ground.
3VDC
Power supply voltage for the amplifier. Includes zener diode
for over voltage and negative voltage protection.
4
RFOUT &
RF Ground
RF output connector, coaxial female, field
replaceable. This pin is AC coupled and matched
to 50 Ohms from 29 - 36 GHz.
Pin Descriptions
HMC-C027
v00.0306
LOW NOISE AMPLIFIER
MODULE, 29 - 36 GHz


Similar Part No. - HMC-C027

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C027 HITTITE-HMC-C027 Datasheet
370Kb / 6P
   LOW NOISE AMPLIFIER MODULE, 29 - 36 GHz
HMC-C027 HITTITE-HMC-C027_11 Datasheet
370Kb / 6P
   LOW NOISE AMPLIFIER MODULE, 29 - 36 GHz
More results

Similar Description - HMC-C027

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C027 HITTITE-HMC-C027_11 Datasheet
370Kb / 6P
   LOW NOISE AMPLIFIER MODULE, 29 - 36 GHz
HMC566 HITTITE-HMC566 Datasheet
317Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
HMC566 HITTITE-HMC566_09 Datasheet
247Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
logo
HBH Microwave GmbH
HA8003 HBH-HA8003 Datasheet
25Kb / 1P
   30 - 36 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
HMC282 HITTITE-HMC282 Datasheet
109Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz
HMC263LP4 HITTITE-HMC263LP4_09 Datasheet
272Kb / 1P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com