Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT1G02 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHCT1G02
Description  2-input NOR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G02 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHCT1G02 Datasheet HTML 1Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 2Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2002 May 27
3
Philips Semiconductors
Product specification
2-input NOR gate
74AHC1G02; 74AHCT1G02
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
ORDERING AND PACKAGE INFORMATION
PINNING
INPUTS
OUTPUT
AB
Y
LL
H
LHL
HL
L
HH
L
TYPE NUMBER
PACKAGES
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74AHC1G02GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
AB
74AHCT1G02GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
CB
74AHC1G02GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
A02
74AHCT1G02GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
C02
PIN
SYMBOL
DESCRIPTION
1
B
data input B
2
A
data input A
3
GND
ground (0 V)
4
Y
data output Y
5VCC
supply voltage
Fig.1 Pin configuration.
handbook, halfpage
1
2
3
5
4
MNA102
02
VCC
A
Y
GND
B
Fig.2 Logic symbol.
handbook, halfpage
MNA103
B
A
Y
2
1
4


Similar Part No. - 74AHCT1G02

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Nexperia B.V. All right...
74AHCT1G02 NEXPERIA-74AHCT1G02 Datasheet
210Kb / 11P
   2-input NOR gate
Rev. 8 - 11 January 2022
74AHCT1G02-Q100 NEXPERIA-74AHCT1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
logo
Texas Instruments
74AHCT1G02DBVRE4 TI-74AHCT1G02DBVRE4 Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
74AHCT1G02DBVRG4 TI-74AHCT1G02DBVRG4 Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - 74AHCT1G02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com