Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-C024 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-C024
Description  WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C024 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-C024 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C024 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C024 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C024 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C024 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C024 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9 - 74
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
HMC-C024
WIDEBAND DRIVER AMPLIFIER
MODULE, 10 MHz - 20 GHz
v02.1007
General Description
Features
Functional Diagram
Gain: 15 dB
Saturated Output Power: +24 dBm
Spurious-Free Operation
Regulated Supply and Bias Sequencing
Hermetically Sealed Module
Field Replaceable SMA connectors
-55 to +85˚C Operating Temperature
The HMC-C024 is a GaAs MMIC PHEMT Distributed
Driver Amplifier in a miniature, hermetic module with
replaceable SMA connectors which operates bet-
ween 10 MHz and 20 GHz. The amplifier provides
15 dB of gain, 3 to 4 dB noise figure and +24 dBm of
saturated output power. Deviation from linear phase
of only ±2 degrees from 0.01 to 10 GHz make the
HMC-C024 ideal for OC192 fiber optic LN/MZ
modulator driver applications. The wideband amplifier
I/Os are in-ternally matched to 50 Ohms and are
internally DC blocked. Integrated voltage regulators
allow for flexible biasing of both the negative and
positive supply pins, while internal bias sequencing
circuitry assures robust operation.
Typical Applications
The HMC-C024 Wideband Driver is ideal for:
• OC192 LN/MZ Modulator Driver
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
Electrical Specifications, T
A = +25° C, +Vdc = +11V to +16V, -Vdc = -3V to -12V
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
0.010 - 6.0
6.0 - 12.0
12.0 - 20.0
GHz
Gain
14
16
13
15
10
13
dB
Gain Flatness
±0.75
±0.75
±1.0
dB
Gain Variation Over Temperature
0.018
0.025
0.018
0.025
0.018
0.025
dB/ °C
Noise Figure
3.5
3
4
dB
Input Return Loss
19
17
10
dB
Output Return Loss
14
14
12
dB
Output Power for 1 dB Compression (P1dB)
20
24
19
23
17
20
dBm
Saturated Output Power (Psat)
26
25
22
dBm
Output Third Order Intercept (IP3)
33
30
25
dBm
Saturated Output Voltage
10
10
8
Vpk-pk
Group Delay
±3
±3
±3
ps
Positive Supply Current (+IDC)
225
225
225
mA
Negative Supply Current (-IDC)
1.6
1.6
1.6
mA


Similar Part No. - HMC-C024

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C024 HITTITE-HMC-C024 Datasheet
295Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
More results

Similar Description - HMC-C024

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C004 HITTITE-HMC-C004 Datasheet
361Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
295Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109 Datasheet
281Kb / 8P
   Wideband Amplifier 10 MHz - 40 GHz
logo
Hittite Microwave Corpo...
HMC-C057 HITTITE-HMC-C057 Datasheet
250Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
HMC-C003 HITTITE-HMC-C003 Datasheet
500Kb / 4P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
logo
Analog Devices
HMC6980 AD-HMC6980 Datasheet
345Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHZ
logo
Hittite Microwave Corpo...
HMC-C057 HITTITE-HMC-C057_10 Datasheet
281Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
HMC-C038 HITTITE-HMC-C038 Datasheet
301Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 2 - 35 GHz
logo
Analog Devices
HMC-C582 AD-HMC-C582 Datasheet
214Kb / 10P
   0.01 GHz to 20 GHz, Ultra Wideband Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com