Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-C016 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC-C016
Description  WIDEBAND LNA MODULE, 7 - 17 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C016 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC-C016 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C016 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C016 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C016 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C016 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C016 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9
9 - 40
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
WIDEBAND LNA MODULE, 7 - 17 GHz
HMC-C016
v01.0506
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
Absolute Maximum Ratings
Bias Supply Voltage (Vs)
-0.3 Vdc to +25 Vdc
RF Input Power (RFin)
+10 dBm
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
8
10
12
14
16
18
20
22
24
26
28
30
6789
10
11
12
13
14
15
16
17
18
+25C
+85C
-55C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
6789
10
11
12
13
14
15
16
17
18
+25C
+85C
-55C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
6789
10
11
12
13
14
15
16
17
18
+25C
+85C
-55C
FREQUENCY (GHz)
Power Compression @ 12 GHz
0
2
4
6
8
10
12
14
16
18
20
22
24
26
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
Pout
Gain
PAE
INPUT POWER (dBm)
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS


Similar Part No. - HMC-C016

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C010 HITTITE-HMC-C010 Datasheet
581Kb / 6P
   600째 ANALOG PHASE SHIFTER MODULE, 6 - 15 GHz
HMC-C011 HITTITE-HMC-C011 Datasheet
467Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C011 HITTITE-HMC-C011 Datasheet
233Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C012 HITTITE-HMC-C012 Datasheet
826Kb / 6P
   10 WATT POWER AMPLIFIER MODULE, 400 - 1000 MHz
More results

Similar Description - HMC-C016

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C017 HITTITE-HMC-C017 Datasheet
519Kb / 6P
   WIDEBAND LNA MODULE, 17 - 27 GHz
HMC-C022 HITTITE-HMC-C022 Datasheet
437Kb / 6P
   WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C001 HITTITE-HMC-C001 Datasheet
421Kb / 4P
   WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C002 HITTITE-HMC-C002 Datasheet
500Kb / 4P
   WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C059 HITTITE-HMC-C059 Datasheet
228Kb / 6P
   WIDEBAND LNA MODULE, 1 - 12 GHz
HMC-C001 HITTITE-HMC-C001_07 Datasheet
213Kb / 4P
   WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C020 HITTITE-HMC-C020 Datasheet
266Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz
logo
United Monolithic Semic...
CHA2110-QDG UMS-CHA2110-QDG Datasheet
484Kb / 10P
   7-12 GHz LNA
logo
Quanzhou Jinmei Electro...
BFG403W_2015 JMNIC-BFG403W_2015 Datasheet
92Kb / 12P
   NPN 17 GHz wideband transistor
BFG403W JMNIC-BFG403W_15 Datasheet
92Kb / 12P
   NPN 17 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com