Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-C008 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC-C008
Description  15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C008 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC-C008 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C008 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C008 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C008 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C008 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C008 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
9
9 - 23
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1
RFIN &
RF Ground
RF input connector, SMA female. This pin is AC coupled
and matched to 50 Ohms from 1.8 - 2.2 GHz.
2
VIN
Power supply voltage for the amplifier.
3
GND
Power supply ground.
4
RFOUT &
RF Ground
RF output connector, SMA female. This pin is isolator pro-
tected and matched to 50 Ohms from 1.8 - 2.2 GHz.
5
GND
Ground for thermal fault indicator and enable circuit.
6
Thermal Fault
Indicator
Open drain output. High impedance for base plate
temperatures less than 55 °C. Low impedance for base
plate temperatures exceeding 75 °C.
7Enable
TTL compatible supply voltage (VIN) shutdown. If enable
feature is not required, short this pin to DC ground.
TTL “High” Disable
TTL “Low” Enable
Pin Descriptions
HMC-C008
15 WATT POWER AMPLIFIER
MODULE, 1.8 - 2.2 GHz
v03.1205


Similar Part No. - HMC-C008

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C008 HITTITE-HMC-C008_10 Datasheet
489Kb / 6P
   15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
More results

Similar Description - HMC-C008

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C008 HITTITE-HMC-C008_10 Datasheet
489Kb / 6P
   15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
logo
TriQuint Semiconductor
TQP9111 TRIQUINT-TQP9111 Datasheet
895Kb / 12P
   1.8 ??2.7 GHz 2 Watt Power Amplifier
logo
Qorvo, Inc
TQP9111 QORVO-TQP9111 Datasheet
895Kb / 12P
   1.8 ??2.7 GHz 2 Watt Power Amplifier
logo
Fairchild Semiconductor
RMPA27000 FAIRCHILD-RMPA27000 Datasheet
248Kb / 9P
   27-29 GHZ 1.8 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC452ST89 HITTITE-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_09 Datasheet
742Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89_10 Datasheet
752Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC457QS16G HITTITE-HMC457QS16G_09 Datasheet
365Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89 Datasheet
1Mb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_06 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com