Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC600LP4E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC600LP4E
Description  75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC600LP4E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC600LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC600LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC600LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC600LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC600LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC600LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC600LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC600LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC600LP4E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
10
10 - 5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
LOGOUT Intercept vs. Frequency,
Vcc = +3.3V
LOGOUT Intercept vs. Bias Voltage
TA = +25C
LOGOUT Slope vs. Frequency,
Vcc = 3.3V
LOGOUT Slope vs. Supply Voltage,
TA = +25C
LOGOUT Voltage & Error
vs. Input Power, Fin = 3500 MHz
LOGOUT Voltage & Error
vs. Input Power, Fin = 4000 MHz
HMC600LP4 / 600LP4E
v01.0606
75 dB LOGARITHMIC
DETECTOR / CONTROLLER 50 - 4000 MHz
Unless otherwise noted: Vcc1, Vcc2 = +3.3V, TA = +25C
18
19
20
21
22
23
24
25
2.5
3
3.5
4
4.5
5
5.5
50 MHz
900 MHz
1900 MHz
3500 MHz
4000 MHz
Vcc (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-5
-4
-3
-2
-1
0
1
2
3
4
5
Ideal
LOGOUT +25 C
LOGOUT +85 C
LOGOUT -40 C
ERR +25 C
ERR +85 C
ERR -40 C
-60
-50
-40
-30
-20
-10
0
INPUT POWER (dBm)
-100
-90
-80
-70
-60
-50
2.5
3
3.5
4
4.5
5
5.5
50 MHz
900 MHz
1900 MHz
3500 MHz
4000 MHz
Vcc (V)
-100
-90
-80
-70
-60
-50
0
500
1000
1500
2000
2500
3000
3500
4000
+25 C
+85 C
-40 C
FREQUENCY (MHz)
18
19
20
21
22
23
24
25
0
500
1000
1500
2000
2500
3000
3500
4000
+25 C
+85 C
-40 C
FREQUENCY (MHz)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-5
-4
-3
-2
-1
0
1
2
3
4
5
Ideal
LOGOUT +25 C
LOGOUT +85 C
LOGOUT -40 C
ERR +25 C
ERR +85 C
ERR -40 C
-60
-50
-40
-30
-20
-10
0
INPUT POWER (dBm)


Similar Part No. - HMC600LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC600LP4E HITTITE-HMC600LP4E Datasheet
338Kb / 8P
   75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
logo
Analog Devices
HMC600LP4E AD-HMC600LP4E Datasheet
503Kb / 8P
   LOGARITHMIC DETECTOR / CONTROLLER
More results

Similar Description - HMC600LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC600LP4 HITTITE-HMC600LP4_09 Datasheet
338Kb / 8P
   75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
HMC601LP4 HITTITE-HMC601LP4 Datasheet
335Kb / 8P
   75 dB, FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER 10 - 4000 MHz
HMC612LP4 HITTITE-HMC612LP4 Datasheet
484Kb / 10P
   75 dB LOGARITHMIC DETECTOR / CONTROLLER, 50 Hz - 3000 MHz
HMC713LP3E HITTITE-HMC713LP3E_10 Datasheet
956Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713LP3E HITTITE-HMC713LP3E Datasheet
566Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713LP3 HITTITE-HMC713LP3_09 Datasheet
566Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC713MS8 HITTITE-HMC713MS8_09 Datasheet
541Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4_09 Datasheet
362Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com