Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC575LP4E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC575LP4E
Description  SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC575LP4E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC575LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC575LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC575LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC575LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC575LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC575LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 82
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC575LP4 / 575LP4E
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 6 - 9 GHz OUTPUT
v00.0506
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25° C, Vdd1, Vdd2 = +5V, 3 dBm Drive Level
Typical Applications
The HMC575LP4 / HMC575LP4E is suitable for:
• Wireless Local Loop
• Point-to-Point & VSAT Radios
• Test Instrumentation
• Military & Space
The HMC575LP4 & HMC575LP4E are x2 active
broadband
frequency
multipliers
utilizing
GaAs
PHEMT technology in a leadless RoHS compliant
SMT package. When driven by a 3 dBm signal, the
multiplier provides +17 dBm typical output power from
6 to 9 GHz. The Fo and 3Fo isolations are 15 dBc with
respect to output signal level. This frequency multiplier
features DC blocked I/O’s, and is ideal for use in LO
multiplier chains for Pt to Pt & VSAT Radios yielding
reduced parts count vs. traditional approaches. The low
additive SSB Phase Noise of -140 dBc/Hz at 100 kHz
offset helps maintain good system noise performance.
The HMC575LP4 & HMC575LP4E are compatible with
surface mount manufacturing techniques.
High Output Power: +17 dBm
Low Input Power Drive: -2 to +6 dBm
Fo, 3Fo Isolation: 15 dBc
100 KHz SSB Phase Noise: -140 dBc/Hz
Single Supply: +5V@ 90 mA
RoHS Compliant 4x4 mm SMT Package
Parameter
Min.
Typ.
Max.
Units
Frequency Range, Input
3 - 4.5
GHz
Frequency Range, Output
6 - 9
GHz
Output Power
14
17
dBm
Fo Isolation (with respect to output level)
15
dBc
3Fo Isolation (with respect to output level)
15
dBc
Input Return Loss
15
dB
Output Return Loss
12
dB
SSB Phase Noise (100 kHz Offset)
-140
dBc/Hz
Supply Current (Idd1 & Idd2)
90
mA


Similar Part No. - HMC575LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC575LP4E HITTITE-HMC575LP4E Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
logo
Analog Devices
HMC575LP4E AD-HMC575LP4E Datasheet
314Kb / 6P
   Test Instrumentation
More results

Similar Description - HMC575LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC575LP4 HITTITE-HMC575LP4_08 Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC448LC3B HITTITE-HMC448LC3B Datasheet
306Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC814LC3B HITTITE-HMC814LC3B_10 Datasheet
417Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC578LC3B HITTITE-HMC578LC3B_09 Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC448LC3B HITTITE-HMC448LC3B_09 Datasheet
224Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC576LC3B HITTITE-HMC576LC3B Datasheet
277Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
HMC449LC3B HITTITE-HMC449LC3B_09 Datasheet
220Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
HMC573LC3B HITTITE-HMC573LC3B_09 Datasheet
215Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 22 GHz OUTPUT
HMC573LC3B HITTITE-HMC573LC3B Datasheet
259Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 22 GHz OUTPUT
HMC577LC4B HITTITE-HMC577LC4B Datasheet
261Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com