Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9401EHJ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9401EHJ
Description  Quad ECL/PECL Differential Buffers/Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9401EHJ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9401EHJ Datasheet HTML 1Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 2Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 3Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Quad ECL/PECL Differential
Buffers/Receivers
4
_______________________________________________________________________________________
Typical Operating Characteristics
(Outputs terminated with 50
Ω to VCC - 3.3V, VCC - VEE = +3.3V, VIHD = VCC - 0.9V, VILD = VCC - 1.7V, output is enabled, SEL = high,
SEL = low, input transition time = 125ps (20% to 80%), fCLK = 3.0GHz, fIN = 1.5GHz, TA = +25°C, unless otherwise noted.)
70
76
88
82
94
100
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
OUTPUTS ARE OPEN; INPUTS
ARE HIGH OR LOW
1.6
1.2
0.8
0.4
0
0
1.5
0.5
1.0
2.0
2.5
3.0
DIFFERENTIAL OUTPUT VOLTAGE
(VOH - VOL) vs. IN_ FREQUENCY
IN_ FREQUENCY (GHz)
100
106
118
112
124
130
-40
10
-15
35
60
85
TRANSITION TIME vs. TEMPERATURE
TEMPERATURE (
°C)
tR
tF
300
380
540
460
620
700
-40
10
-15
35
60
85
PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
IN-TO-OUT DELAY
CLK-TO-OUT DELAY
PIN
NAME
FUNCTION
1, 8, 11, 17,
24, 30
VCC
Positive Supply Voltage. Bypass VCC to VEE with 0.1µF and 0.01µF ceramic capacitors. Place the
capacitors as close to the device as possible with the smaller value capacitor closest to the device.
2
SEL
Noninverting Differential Select Input. Setting SEL = high and SEL = low (differential high) enables
all four channels to operate asynchronously. Setting SEL = low and SEL = high (differential low)
enables all four channels to operate in synchronized mode.
3
SEL
Inverting Differential Select Input
4
CLK
Inverting Differential Clock Input. A rising edge on CLK (and falling on CLK) transfers data from the
inputs to the outputs when SEL = low.
5
CLK
Noninverting Differential Clock Input
Pin Description


Similar Part No. - MAX9401EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9400 MAXIM-MAX9400 Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9400EGJ MAXIM-MAX9400EGJ Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9400EHJ MAXIM-MAX9400EHJ Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9402EGJ MAXIM-MAX9402EGJ Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9402EHJ MAXIM-MAX9402EHJ Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
More results

Similar Description - MAX9401EHJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com