Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89124-0011HA Datasheet(PDF) 1 Page - 3M Electronics

Part # 89124-0011HA
Description  3M Pak 100 Preassembled Wiremount Socket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

89124-0011HA Datasheet(HTML) 1 Page - 3M Electronics

  89124-0011HA Datasheet HTML 1Page - 3M Electronics 89124-0011HA Datasheet HTML 2Page - 3M Electronics 89124-0011HA Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3
Interconnect Solutions
http://www.3M.com/interconnects/
data_pp (For Web PDF Output)
3MPak 100 Preassembled Wiremount Socket
.100″× .100″ for .050″ Pitch Cable
891 Series
TS-0449-18
Sheet 1 of 2
S
Preassembled, terminates faster than
two-piece sockets
S
‘‘Sword’’ packaging makes easy loading of
manual and semi-automatic assembly equipment
S
‘‘Bumps’’ prevent premature latch locking
during shipment
S
Optional double-sided adhesive pull tab for
easy unplugging
S
Double-recessed cover for cable terminating
from either side eliminates need for
single-recessed cover connectors
Date Modified: May 17, 2004
Physical
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: Phosphor Bronze (C510)
Plating
Underplating: 100 µ″ [2.54 µm ] Nickel — QQ-N-290, Class 2
Wiping Area: 30 µ″ [0.76 µm ] Gold — MIL-G-45204, Type II, Grade C
Wire Accommodation: 26 & 28 AWG Stranded
Marking: 3M Logo, Part Identification Number and Orientation Triangle
Electrical
Current Rating: 1A
Insulation Resistance: >1 × 109 Ω at 500 Vdc
Withstanding Voltage: 1000 Vrms at Sea Level
Environmental
Temperature Rating: --55°C to +105°C
UL File No.: E68080


Similar Part No. - 89124-0011HA

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
8912 NTE-8912 Datasheet
14Kb / 1P
   50V CERAMIC DISC
logo
List of Unclassifed Man...
8912 ETC2-8912 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8912 ETC2-8912 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8912 ETC2-8912 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
8912 ETC2-8912 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
More results

Similar Description - 89124-0011HA

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
P25LE-030S-DA 3M-P25LE-030S-DA Datasheet
830Kb / 3P
   3M Pak 50 Low Profile Wiremount Socket
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
355 3M-355 Datasheet
839Kb / 3P
   3M??Power Clamp Wiremount Socket
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
3490-5 3M-3490-5 Datasheet
20Kb / 1P
   100 X 100, Wiremount Socket
38104-0018-000FL 3M-38104-0018-000FL Datasheet
639Kb / 2P
   3M?줝INK CONNECTOR, 2.54MM[.100"], WIREMOUNT, HERMAPHRODITIC
3358-0001 3M-3358-0001 Datasheet
440Kb / 3P
   3M Pak 100 Card-Edge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com