Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D10250-55G3PL Datasheet(PDF) 1 Page - 3M Electronics

Part # D10250-55G3PL
Description  3M Mini D Ribbon (MDR) Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

D10250-55G3PL Datasheet(HTML) 1 Page - 3M Electronics

  D10250-55G3PL Datasheet HTML 1Page - 3M Electronics D10250-55G3PL Datasheet HTML 2Page - 3M Electronics D10250-55G3PL Datasheet HTML 3Page - 3M Electronics D10250-55G3PL Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini D Ribbon (MDR) Connectors
.050
″ Boardmount Thru-Hole Right Angle Receptacle - Shielded
102 Series
Physical
Electrical
Environmental
*RoHS = Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment
Insulation
Material: Glass Reinforced Polyester (PBT)
Flammability: UL 94V-0
Color: See ordering information
Contact Material:
Copper Alloy (C521)
Plating
Underplating: See ordering information
Wiping Area: See ordering information
Solder Tails: See ordering information
Shroud & Latch Hook
Material: Steel
Plating: Nickel
Ground Lock
Material: Copper Alloy
Plating: Matte tin
Marking:
3M Logo & Part Number
Current Rating:
1 A
Insulation Resistance: > 5
× 108Ω at 500 VDC
Withstanding Voltage:
500 Vrms for 1 Minute
Temperature Rating:
-55
°C to +105°C
Process Rating:
Surface mount compatible - max. temp. 240
°-250°C for 10 seconds.
TS-0621-10
Sheet 1 of 3
• Wiper-on-wiper contact for reliable repetitive
plugging
• SMT compatible PCT insulator material
• Ground lock PCB retention
• Interface latch design for connection stability
• MDR digital LCD interface as a 20 or 26
contact connector
• Contacts: 14, 20, 26, 36, 40, 50 and 68
• RoHS* compliant version (-PL or -PC plating
suffix) available
Date Modified: April 5, 2005
UL File No.: E68080


Similar Part No. - D10250-55G3PL

ManufacturerPart #DatasheetDescription
logo
3M Electronics
D1025055G3PC 3M-D1025055G3PC Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
D1025055G3PL 3M-D1025055G3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
D1025055H3PC 3M-D1025055H3PC Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
D1025055H3PL 3M-D1025055H3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results

Similar Description - D10250-55G3PL

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10314-52F0-008 3M-10314-52F0-008 Datasheet
309Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
3341-XX 3M-3341-XX Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
10336-3210 3M-10336-3210 Datasheet
312Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
N10226-5213PC 3M-N10226-5213PC Datasheet
399Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10120-5212VC 3M-10120-5212VC Datasheet
200Kb / 5P
   3M Mini D Ribbon (MDR) Connectors
10214-6202VC 3M-10214-6202VC Datasheet
395Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
N102A0-52B2VC 3M-N102A0-52B2VC Datasheet
440Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
1021455G3PL 3M-1021455G3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com