Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5007 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5007
Description  150mA USB LDO Regulators with 15kV -15kV TVS and UP Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5007 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5007 Datasheet HTML 2Page - Maxim Integrated Products MAX5007 Datasheet HTML 3Page - Maxim Integrated Products MAX5007 Datasheet HTML 4Page - Maxim Integrated Products MAX5007 Datasheet HTML 5Page - Maxim Integrated Products MAX5007 Datasheet HTML 6Page - Maxim Integrated Products MAX5007 Datasheet HTML 7Page - Maxim Integrated Products MAX5007 Datasheet HTML 8Page - Maxim Integrated Products MAX5007 Datasheet HTML 9Page - Maxim Integrated Products MAX5007 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
150mA USB LDO Regulators with ±15kV TVS
and µP Reset
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
DESCRIPTION
1IN
Regulator Input. Supply voltage ranges from +4.0V to +5.5V. Bypass with a 1
µF ceramic capacitor
to ground.
2D+
D+ ESD/Transient Suppression Input. Connect directly to USB port D+ data input. SELR high and
ENR low connects D+ to OUT through a 1.5k
Ω resistor.
3, 9
GND
Ground. This pin also functions as a heatsink. Solder to large pads or the circuit board ground
plane to maximize thermal dissipation.
4D-
D- ESD/Transient Suppression Input. Connect directly to USB port D- data input. SELR low and
ENR low connects D- to OUT through a 1.5k
Ω resistor.
5
SELR
USB Full-Speed/Low-Speed Termination Resistor Select. Logic high connects the termination
resistor to D+ for full-speed peripherals. Logic low connects the termination resistor to D- for low-
speed peripherals. An internal 1.5k
Ω resistor connects to OUT when ENR is low.
6
ENR
USB Termination Resistor Enable. When reset is not asserted, ENR low enables the termination
resistor connection. ENR high or a reset disables the termination resistor connection.
RESET
Active-Low Reset Output. RESET remains low while VOUT is below the reset threshold or while MR
is held low. RESET remains low for the duration of the reset timeout period after the reset conditions
are terminated. (MAX5005/MAX5006 ONLY)
7
RESET
Active-High Reset Output. RESET remains high while VOUT is below the reset threshold or while MR
is held low. RESET remains high for the duration of the reset timeout period after the reset
conditions are terminated. (MAX5007 ONLY)
8
MR
Active-Low Manual Reset Input. A logic low forces a reset. Reset remains asserted for the duration
of the reset timeout period after MR transitions from low to high. Leave unconnected or connect to
OUT if not used. MR has an internal pullup resistor of 25k
Ω to OUT.
10
OUT
Voltage Regulator Output. Fixed +3.3V. Sources up to 150mA. Bypass with a 1
µF (min) capacitor
for full rated performance.


Similar Part No. - MAX5007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX500 MAXIM-MAX500 Datasheet
127Kb / 12P
   CMOS, Quad, Serial-Interface 8-Bit DAC
Rev 2; 2/96
MAX5003 MAXIM-MAX5003 Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003 MAXIM-MAX5003 Datasheet
119Kb / 5P
   Evaluation Kit
Rev 1; 1/01
MAX5003C/D MAXIM-MAX5003C/D Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003CEE MAXIM-MAX5003CEE Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
More results

Similar Description - MAX5007

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4337 LITTELFUSE-SP4337 Datasheet
536Kb / 5P
   0.18pF 15KV Bidirectional TVS
2020 Littelfuse, Inc.
SP1001 LITTELFUSE-SP1001 Datasheet
964Kb / 7P
   8pF 15kV Unidirectional TVS Array
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
logo
Littelfuse
SP1008 LITTELFUSE-SP1008_17 Datasheet
1Mb / 4P
   6pF 15kV Bidirectional Discrete TVS Protection
SP1011-04UTG LITTELFUSE-SP1011-04UTG Datasheet
664Kb / 4P
   SP1011 Series 7pF 15kV Unidirectional TVS Array
logo
Impala Linear Corporati...
ILC7281 IMPALA-ILC7281 Datasheet
74Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH POWER SUPPLY RESET MONITOR
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
Littelfuse
SP1001 LITTELFUSE-SP1001_11 Datasheet
298Kb / 6P
   SP1001 Series - 8pF 15kV Unidirectional TVS Array
SP1011 LITTELFUSE-SP1011 Datasheet
266Kb / 5P
   SP1011 Series 7pF 15kV Unidirectional TVS Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com