Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5007 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5007
Description  150mA USB LDO Regulators with 15kV -15kV TVS and UP Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5007 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5007 Datasheet HTML 1Page - Maxim Integrated Products MAX5007 Datasheet HTML 2Page - Maxim Integrated Products MAX5007 Datasheet HTML 3Page - Maxim Integrated Products MAX5007 Datasheet HTML 4Page - Maxim Integrated Products MAX5007 Datasheet HTML 5Page - Maxim Integrated Products MAX5007 Datasheet HTML 6Page - Maxim Integrated Products MAX5007 Datasheet HTML 7Page - Maxim Integrated Products MAX5007 Datasheet HTML 8Page - Maxim Integrated Products MAX5007 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
150mA USB LDO Regulators with ±15kV TVS
and µP Reset
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +5V, IOUT = 0, COUT = 2.2µF, TA = 0°C to +70°C, unless otherwise noted. Typical specifications are at TA = +25°C.) (Note 1)
Note 1: All devices are 100% tested at TA = +25
°C. Limits over temperature are guaranteed by characterization and not production
tested.
Note 2: Dropout voltage is defined as VIN - VOUT when VOUT is 2% below the value of VOUT for VIN = VOUT + 1V.
Note 3: Specification is guaranteed to ±4
σ limit.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SELR Input Current
SELR = GND or OUT
-1
1
µA
VIL
RTERM enabled
0.2 x
VOUT
ENR Input Voltage
VIH
RTERM disabled
0.8 x
VOUT
V
ENR Input Current
ENR = GND or OUT
-1
1
µA
VOUT > 1.0V, ISINK = 50
µA, reset asserted
0.3
Open-Drain RESET Output Low
Voltage (MAX5005)
VOL
VOUT > 2.7V, ISINK = 3.2mA, reset asserted
0.4
V
Open-Drain Reset Output Leakage
Current (MAX5005)
ILKG
Reset not asserted
-1.0
1.0
µA
VOUT = 1.0V, ISINK = 50
µA, reset asserted
0.3
VOL
VOUT > VTH(MIN), ISINK = 3.2mA, reset
asserted
0.4
Push-Pull RESET Output Voltage
(MAX5006)
VOH
VOUT > VTH(MAX), ISOURCE = 500
µA,
reset not asserted
0.8 x
VOUT
V
VOL
VOUT > VTH(MAX), ISINK = 3.2mA,
reset not asserted
0.4
Push-Pull RESET Output Voltage
(MAX5007)
VOH
VOUT = 1.0V, ISOURCE = 150
µA, reset
asserted
0.8 x
VOUT
V
USB OPTIONS AND TRANSIENT SUPPRESSION
D+/D- RTERM Impedance
ENR = GND, SELR = GND or OUT
1425
1500
1575
D+/D- Input Leakage Current
VENR = VOUT = 3.3V
-1
1
µA
ENR = OUT
5.5
D+ to D- Capacitance
1MHz, 100mVp-p signal
applied at D+ and D-,
VOUT = 3.3V
Unpowered
24
pF
ENR = OUT
40
D+, D- Capacitance to GND
1MHz, 100mVp-p signal
applied at D+ and D-,
VOUT = 3.3V
Unpowered
47
pF
ESD Trigger Voltage
dV/dt < 1V/ns, VD+ or VD- > 3.6V
3.6
5
V
Surge Trigger Voltage
dV/dt < 2V/
µs, VD+ or VD- > 3.6V
3.6
16
V
Clamping Voltage
6A, pulse width = 200ns to 40
µs16
V
Surge Current
16V, pulse width = 200ns to 40
µs
±6A
Human Body Model MIL-STD-883
±16
Contact Discharge IEC1000-4-2
(EN61000-4-2)
±8
D+/D- to GND ESD
Air Discharge IEC1000-4-2 (EN61000-4-2)
±15
kV


Similar Part No. - MAX5007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX500 MAXIM-MAX500 Datasheet
127Kb / 12P
   CMOS, Quad, Serial-Interface 8-Bit DAC
Rev 2; 2/96
MAX5003 MAXIM-MAX5003 Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003 MAXIM-MAX5003 Datasheet
119Kb / 5P
   Evaluation Kit
Rev 1; 1/01
MAX5003C/D MAXIM-MAX5003C/D Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003CEE MAXIM-MAX5003CEE Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
More results

Similar Description - MAX5007

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4337 LITTELFUSE-SP4337 Datasheet
536Kb / 5P
   0.18pF 15KV Bidirectional TVS
2020 Littelfuse, Inc.
SP1001 LITTELFUSE-SP1001 Datasheet
964Kb / 7P
   8pF 15kV Unidirectional TVS Array
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
logo
Littelfuse
SP1008 LITTELFUSE-SP1008_17 Datasheet
1Mb / 4P
   6pF 15kV Bidirectional Discrete TVS Protection
SP1011-04UTG LITTELFUSE-SP1011-04UTG Datasheet
664Kb / 4P
   SP1011 Series 7pF 15kV Unidirectional TVS Array
logo
Impala Linear Corporati...
ILC7281 IMPALA-ILC7281 Datasheet
74Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH POWER SUPPLY RESET MONITOR
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
Littelfuse
SP1001 LITTELFUSE-SP1001_11 Datasheet
298Kb / 6P
   SP1001 Series - 8pF 15kV Unidirectional TVS Array
SP1011 LITTELFUSE-SP1011 Datasheet
266Kb / 5P
   SP1011 Series 7pF 15kV Unidirectional TVS Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com