Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4759EBX-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4759EBX-T
Description  Quad DPDT Audio/Data Switches in UCSP/QFN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4759EBX-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4759EBX-T Datasheet HTML 1Page - Maxim Integrated Products MAX4759EBX-T Datasheet HTML 2Page - Maxim Integrated Products MAX4759EBX-T Datasheet HTML 3Page - Maxim Integrated Products MAX4759EBX-T Datasheet HTML 4Page - Maxim Integrated Products MAX4759EBX-T Datasheet HTML 5Page - Maxim Integrated Products MAX4759EBX-T Datasheet HTML 6Page - Maxim Integrated Products MAX4759EBX-T Datasheet HTML 7Page - Maxim Integrated Products MAX4759EBX-T Datasheet HTML 8Page - Maxim Integrated Products MAX4759EBX-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX4758/MAX4759 quad double-pole/double-
throw (DPDT) analog switches operate from a single
+1.8V to +5.5V supply. These switches feature low
0.5
Ω on-resistance for audio switching and a low 25pF
capacitance for data switching.
The MAX4758 has eight 0.5
Ω on-resistance switches to
switch audio signals. The MAX4759 has four 0.5
Ω on-
resistance switches to route audio signals and four
25pF capacitance switches to route data signals. The
MAX4758/MAX4759 have four logic inputs to control the
switches in pairs.
The MAX4758/MAX4759 are available in a small 36-pin
(6mm x 6mm) thin QFN and 36-bump (3mm x 3mm)
chip-scale package (UCSP™).
Applications
Features
♦ Data and Audio Signal Routing
♦ Low On-Resistance (0.5Ω) Audio Switches
♦ 0.2Ω On-Resistance Flatness
♦ 0.1Ω Channel-to-Channel Matching
♦ Low-Capacitance (25pF) Data Switches (MAX4759)
♦ 0.2ns Skew (MAX4759)
♦ 0.03% THD
♦ +1.8V to +5.5V Supply Range
♦ Rail-to-Rail Signal Handling
♦ Tiny 36-Bump UCSP (3mm x 3mm)
♦ 36-Pin Thin QFN (6mm x 6mm)
Quad DPDT Audio/Data Switches in UCSP/QFN
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3043; Rev 0; 10/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX4758EBX-T
-40°C to +85°C 36 UCSP-36
MAX4758ETX
-40°C to +85°C 36 Thin QFN (6mm x 6mm)
MAX4759EBX-T* -40°C to +85°C 36 UCSP-36
MAX4759ETX*
-40°C to +85°C 36 Thin QFN (6mm x 6mm)
UCSP is a trademark of Maxim Integrated Products, Inc.
Functional Diagrams
MAX4758
INA
NO1
NC1
NO2
NC2
AUDIO 1
COM1
COM2
AUDIO 2
INB
NO3
NC3
NO4
NC4
AUDIO 3
COM3
COM4
AUDIO 4
INC
NO5
NC5
NO6
NC6
AUDIO 5
COM5
COM6
AUDIO 6
IND
NO7
NC7
NO8
NC8
AUDIO 7
COM7
COM8
AUDIO 8
MAX4759
INA
NO1
NC1
NO2
NC2
AUDIO 1
COM1
COM2
AUDIO 2
INB
NO3
NC3
NO4
NC4
AUDIO 3
COM3
COM4
AUDIO 4
INC
NO5
NC5
NO6
NC6
DATA 1
COM5
COM6
DATA 1
IND
NO7
NC7
NO8
NC8
DATA 3
COM7
COM8
DATA 4
Pin Configurations/Truth Table appear at end of data sheet.
Speaker-Headset
Switching
Audio-Signal Routing
Cellular Phones
PDAs/Hand-Held
Devices
Notebook Computers
USB Signal Switching
*Future product—contact factory for availability.


Similar Part No. - MAX4759EBX-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4759EBX-T MAXIM-MAX4759EBX-T Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
More results

Similar Description - MAX4759EBX-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4754 MAXIM-MAX4754_07 Datasheet
316Kb / 15P
   0.5廓, Quad SPDT Switches in UCSP/QFN
Rev 1; 11/06
MAX4754 MAXIM-MAX4754 Datasheet
271Kb / 13P
   0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Rev 0; 8/03
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4760 MAXIM-MAX4760 Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4760 MAXIM-MAX4760_09 Datasheet
178Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com