Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4758ETX Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4758ETX
Description  Quad DPDT Audio/Data Switches in UCSP/QFN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4758ETX Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4758ETX Datasheet HTML 1Page - Maxim Integrated Products MAX4758ETX Datasheet HTML 2Page - Maxim Integrated Products MAX4758ETX Datasheet HTML 3Page - Maxim Integrated Products MAX4758ETX Datasheet HTML 4Page - Maxim Integrated Products MAX4758ETX Datasheet HTML 5Page - Maxim Integrated Products MAX4758ETX Datasheet HTML 6Page - Maxim Integrated Products MAX4758ETX Datasheet HTML 7Page - Maxim Integrated Products MAX4758ETX Datasheet HTML 8Page - Maxim Integrated Products MAX4758ETX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Quad DPDT Audio/Data Switches in UCSP/QFN
4
_______________________________________________________________________________________
Typical Operating Characteristics
(V+ = 3V, TA = +25°C, unless otherwise noted.)
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: UCSP packages are 100% tested at +25°C and limits across the full temperature range are guaranteed by correlation and
design. Thin QFN parts are 100% tested at +85°C and limits across the full temperature range are guaranteed by correla-
tion and design.
Note 4: RON and
∆RON matching specifications are guaranteed by design.
Note 5:
∆RON = RON(MAX) - RON(MIN).
Note 6: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 7: Guaranteed by design, not production tested.
Note 8: Off-isolation = 20log10 [VCOM_ / (VNO_ or VNC_)], VCOM_ = output, VNO_ or VNC_ = input to off switch.
Note 9: Between any two switches.
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +2.7V to +5.25V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at V+ = 3V, TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
POWER SUPPLY
Power-Supply Range
V+
TMIN to TMAX
1.8
5.5
V
+25°C
0.01
Positive Supply Current
I+
V+ = 5.5V, VIN_ = 0V or V+
TMIN to TMAX
1.0
µA
ON-RESISTANCE vs. VCOM
VCOM (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.5
1.0
1.5
2.0
2.5
0
05.0
MAX4758, MAX4759 (N_1–N_4)
V+ = 1.8V
V+ = 2V
V+ = 2.3V
V+ = 2.7V
V+ = 3V
V+ = 5V
ON-RESISTANCE
vs. VCOM AND TEMPERATURE
VCOM (V)
2.5
2.0
1.5
1.0
0.5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
03.0
MAX4758, MAX4759 (N_1–N_4)
V+ = 3V
ON-RESISTANCE
vs. VCOM AND TEMPERATURE
VCOM (V)
4.5
4.0
3.0 3.5
1.0 1.5 2.0 2.5
0.5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
05.0
V+ = 5V
MAX4758, MAX4759 (N_1–N_4)
TA+ = +85
°C
TA+ = +25
°C
TA+ = -40
°C


Similar Part No. - MAX4758ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4758ETX MAXIM-MAX4758ETX Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
More results

Similar Description - MAX4758ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4754 MAXIM-MAX4754_07 Datasheet
316Kb / 15P
   0.5廓, Quad SPDT Switches in UCSP/QFN
Rev 1; 11/06
MAX4754 MAXIM-MAX4754 Datasheet
271Kb / 13P
   0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Rev 0; 8/03
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4760 MAXIM-MAX4760 Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4760 MAXIM-MAX4760_09 Datasheet
178Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com