Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89134-0101HA Datasheet(PDF) 2 Page - 3M Electronics

Part # 89134-0101HA
Description  3M Pak 100 Preassembled Wiremount Socket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

89134-0101HA Datasheet(HTML) 2 Page - 3M Electronics

  89134-0101HA Datasheet HTML 1Page - 3M Electronics 89134-0101HA Datasheet HTML 2Page - 3M Electronics 89134-0101HA Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3
Interconnect Solutions
http://www.3M.com/interconnects/
data_pp (For Web PDF Output)
3MPak 100 Preassembled Wiremount Socket
.100″× .100″ for .050″ Pitch Cable
891 Series
Contact
Dimensions
Contact
Quantity
A
B
10
.68[17.3]
.53[13.5]
14
.88[22.4]
.73[18.5]
16
.98[24.9]
.83[21.1]
20
1.18 [ 30.0 ]
1.03 [ 26.2 ]
24
1.38 [ 35.1 ]
1.23 [ 31.2 ]
26
1.48 [ 37.6 ]
1.33 [ 33.8 ]
30
1.68 [ 42.7 ]
1.53 [ 38.9 ]
34
1.88 [ 47.7 ]
1.73 [ 43.9 ]
36
1.98 [ 50.3 ]
1.83 [ 46.5 ]
40
2.18 [ 55.4 ]
2.03 [ 51.6 ]
44
2.38 [ 60.5 ]
2.23 [ 56.4 ]
50
2.68 [ 68.1 ]
2.53 [ 64.1 ]
60
3.18 [ 80.0 ]
3.03 [ 80.0 ]
Strain Relief
(Order Separately)
3448-891XX
Contact Quantity:
See Table
Sockets
891XX-0XXXXX
Contact Quantity:
See Table
Polarization Options:
0 = Without Centerbump
1 = With Centerbump
Strain Relief Options:
1 = Without Strain Relief
Package Style Options:
0 = Preassembled
1 = Two Piece Outside Bandolier
Inch
[mm]
±.005
±.1
±.01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
Top View of Cover
Bottom View of Body
.240
[6.10]
.22
[5.7 ]
.15
[3.9 ]
A
Strain Relief
.53
[ 13.4 ]
A
.240
[6.10]
B
Recessed for
Cable Exit
.53
[ 13.4 ]
.200
[5.08]
.14
[3.6 ]
.05
[1.2 ]
Triangle
Indicates
Position 1
Dual Polarization
Slots
Position 1
.240
[6.10]
Position 2
.100
[2.54]
Typ
.11
[2.8 ]
.032
[0.81]
.026
[0.66]
.24
[6.1 ]
.051
[1.30]
B
Color: Gray
Breakaway
Tab
Assembled Height Without
Strain Relief
.42 Ref
[ 10.6 ]
.64 Ref
[ 16.3 ]
.57 Ref
[ 14.5 ]
Assembled Height with Standard
Plastic Strain Relief
343
5
.100 Typ
[2.54]
.06 Centerbump
[ 1.5 ] (Optional)
3435-0
Keying Plug
(Optional: Order Separately)
Ordering Information
TS-0449-18
Sheet 2 of 2
Plating Option:
HA = 15 µ″ [0.38 µm] Gold
with 30 µ″ [0.76 µm ] Nickel
Note: See TS-0721 for mating post pattern.
Pull Tabs
(Order Separately)
See TS-0496.
Assembly tools: 3640 press (or equivalent), 3443--107N locator plate, 3442--9 platen.


Similar Part No. - 89134-0101HA

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
89134423R PENTAIR-89134423R Datasheet
2Mb / 20P
   HF Side-Mount Filter Fans
More results

Similar Description - 89134-0101HA

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
P25LE-030S-DA 3M-P25LE-030S-DA Datasheet
830Kb / 3P
   3M Pak 50 Low Profile Wiremount Socket
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
355 3M-355 Datasheet
839Kb / 3P
   3M??Power Clamp Wiremount Socket
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
3490-5 3M-3490-5 Datasheet
20Kb / 1P
   100 X 100, Wiremount Socket
38104-0018-000FL 3M-38104-0018-000FL Datasheet
639Kb / 2P
   3M?줝INK CONNECTOR, 2.54MM[.100"], WIREMOUNT, HERMAPHRODITIC
3358-0001 3M-3358-0001 Datasheet
440Kb / 3P
   3M Pak 100 Card-Edge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com