Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4758 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4758
Description  Quad DPDT Audio/Data Switches in UCSP/QFN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4758 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4758 Datasheet HTML 6Page - Maxim Integrated Products MAX4758 Datasheet HTML 7Page - Maxim Integrated Products MAX4758 Datasheet HTML 8Page - Maxim Integrated Products MAX4758 Datasheet HTML 9Page - Maxim Integrated Products MAX4758 Datasheet HTML 10Page - Maxim Integrated Products MAX4758 Datasheet HTML 11Page - Maxim Integrated Products MAX4758 Datasheet HTML 12Page - Maxim Integrated Products MAX4758 Datasheet HTML 13Page - Maxim Integrated Products MAX4758 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Quad DPDT Audio/Data Switches in UCSP/QFN
10
______________________________________________________________________________________
Timing Circuits/Timing Diagrams
tr < 5ns
tf < 5ns
50%
0V
LOGIC
INPUT
RL
COM_
GND
IN_
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VN_
(
RL
)
RL + RON
VN_
V+
tOFF
0V
NO_
OR NC_
0.9 x V0UT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
V+
CL
V+
VOUT
MAX4758
MAX4759
50%
Figure 2. Switching Time
50%
V+
0V
LOGIC
INPUT
VOUT
0.9 x VOUT
tBBM
LOGIC
INPUT
RL
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
NO_
IN_
NC_
VOUT
V+
V+
CL
VN_
COM_
MAX4758
MAX4759
Figure 3. Break-Before-Make Interval


Similar Part No. - MAX4758

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4758 MAXIM-MAX4758 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4758EBX-T MAXIM-MAX4758EBX-T Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4758ETX MAXIM-MAX4758ETX Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
More results

Similar Description - MAX4758

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4754 MAXIM-MAX4754_07 Datasheet
316Kb / 15P
   0.5廓, Quad SPDT Switches in UCSP/QFN
Rev 1; 11/06
MAX4754 MAXIM-MAX4754 Datasheet
271Kb / 13P
   0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Rev 0; 8/03
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4760 MAXIM-MAX4760 Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4760 MAXIM-MAX4760_09 Datasheet
178Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com