Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3940-0010T Datasheet(PDF) 2 Page - 3M Electronics

Part # A3940-0010T
Description  100 x 100, PCB Two Row
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

A3940-0010T Datasheet(HTML) 2 Page - 3M Electronics

  A3940-0010T Datasheet HTML 1Page - 3M Electronics A3940-0010T Datasheet HTML 2Page - 3M Electronics A3940-0010T Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.100
″  .100″ PCB
Two Row
3900 Series
mm
[Inch]
mm
Tolerance Unless Noted
[ ] Dimensions for
Reference only
± .13
± .3
.000
.00
.0
TS-0004-13
Sheet 2 of 3
C
7.01
[ .276 ]
Gray PVC
Strain
Relief
(Optional)
Assembled Height
7.6
[ .30 ]
Without
Strain Relief
11.4
[ .45 ]
With
Strain Relief
Cover
7.0
[ .28 ]
2.39
[ .094 ]
A
3.12
[ .123 ]
1.2 Typ
[ .05 ]
Nonconductive
Transfer Adhesive
with Liner
6.7
[ .26 ]
Detail A
Detail A
3.48
[ .137 ]
5.8
[ .23 ]
.635
[ .0250 ]
0.46
[ 0.18 ]
2.75
[ .108 ]
0.35
[ .014 ]
B
Contact 1
Body
Solder Washpads
2.54
[ .100 ]
7.0
[ .28 ]
2.54 Ref
[ .100 ]
Connector
39XX-X0X0T
Ordering Information
Strain Relief
(Optional)
3448-39XX
Cover Style:
0 = Cover, Two Piece, with Adhesive
1 = Cover, Preassembled No Adhesive
Contact Material:
0 = Be Cu (C172) (Standard)
2 = Phosphor Bronze (Special Order)
Contact Quantity
(See Table)
Contact Quantity
(See Table)
®
®


Similar Part No. - A3940-0010T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3940 ALLEGRO-A3940 Datasheet
773Kb / 13P
   Full-Bridge Power MOSFET Controller
A3940KLP ALLEGRO-A3940KLP Datasheet
663Kb / 12P
   FULL-BRIDGE POWER MOSFET CONTROLLER
A3940KLP ALLEGRO-A3940KLP Datasheet
598Kb / 12P
   FULL-BRIDGE POWER MOSFET CONTROLLER
A3940KLP-T ALLEGRO-A3940KLP-T Datasheet
598Kb / 12P
   FULL-BRIDGE POWER MOSFET CONTROLLER
A3940KLPTR-T ALLEGRO-A3940KLPTR-T Datasheet
773Kb / 13P
   Full-Bridge Power MOSFET Controller
More results

Similar Description - A3940-0010T

ManufacturerPart #DatasheetDescription
logo
3M Electronics
99410-0016T 3M-99410-0016T Datasheet
112Kb / 4P
   Pak 100 PCB 100 횞 100 Two Row
4600 3M-4600 Datasheet
45Kb / 4P
   100 X 100, Plug
logo
Adam Technologies, Inc.
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHF34SGL ADAM-TECH-MHF34SGL Datasheet
127Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
logo
List of Unclassifed Man...
FFB1012EHE ETC2-FFB1012EHE Datasheet
399Kb / 1P
   100 x 100 x 38 MM SERIES
logo
Adam Technologies, Inc.
MHF-34-SGL ADAM-TECH-MHF-34-SGL Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com