Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT126 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHCT126
Description  Quad buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT126 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT126 Datasheet HTML 4Page - NXP Semiconductors 74AHCT126 Datasheet HTML 5Page - NXP Semiconductors 74AHCT126 Datasheet HTML 6Page - NXP Semiconductors 74AHCT126 Datasheet HTML 7Page - NXP Semiconductors 74AHCT126 Datasheet HTML 8Page - NXP Semiconductors 74AHCT126 Datasheet HTML 9Page - NXP Semiconductors 74AHCT126 Datasheet HTML 10Page - NXP Semiconductors 74AHCT126 Datasheet HTML 11Page - NXP Semiconductors 74AHCT126 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Sep 29
8
Philips Semiconductors
Product specification
Quad buffer/line driver; 3-state
74AHC126; 74AHCT126
Type 74AHCT126
GND = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values at VCC = 5.0 V.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 4.5 to 5.5 V; note 1
tPHL/tPLH
propagation delay
nA to nY
see Figs 5 and 7 15 pF
3.0
5.5
1.0
6.5
1.0
7.0
ns
tPZH/tPZL
propagation delay
nOE to nY
see Figs 6 and 7 15 pF
3.3
5.1
1.0
6.0
1.0
6.5
ns
tPHZ/tPLZ
propagation delay
nOE to nY
15 pF
4.8
6.8
1.0
8.0
1.0
8.5
ns
tPHL/tPLH
propagation delay
nA to nY
see Figs 5 and 7 50 pF
4.3
7.5
1.0
8.5
1.0
9.5
ns
tPZH/tPZL
propagation delay
nOE to nY
see Figs 6 and 7 50 pF
4.7
7.1
1.0
8.0
1.0
9.0
ns
tPHZ/tPLZ
propagation delay
nOE to nY
50 pF
6.9
8.9
1.0
10.0
1.0
11.5
ns
Fig.5 The input (nA) to output (nY) propagation delays.
handbook, halfpage
MNA237
tPHL
tPLH
VM
(1)
VM
(1)
nA INPUT
nY OUTPUT
GND
VI
VOH
VOL
FAMILY
VI INPUT
REQUIREMENTS
VM(1)
INPUT
VM(1)
OUTPUT
AHC
GND to VCC
50% VCC
50% VCC
AHCT
GND to 3.0 V
1.5 V
50% VCC


Similar Part No. - 74AHCT126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT126 NXP-74AHCT126 Datasheet
99Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-12 August 2009
logo
Diodes Incorporated
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
logo
Nexperia B.V. All right...
74AHCT126 NEXPERIA-74AHCT126 Datasheet
251Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 28 April 2020
74AHCT126-Q100 NEXPERIA-74AHCT126-Q100 Datasheet
715Kb / 16P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74AHCT126BQ NXP-74AHCT126BQ Datasheet
99Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-12 August 2009
More results

Similar Description - 74AHCT126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com