Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC549MS8G Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC549MS8G
Description  DUAL OUTPUT LOW NOISE AMPLIFIER, 0.04 - 0.96 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC549MS8G Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC549MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC549MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC549MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC549MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC549MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC549MS8G Datasheet HTML 6Page - Hittite Microwave Corporation HMC549MS8G Datasheet HTML 7Page - Hittite Microwave Corporation HMC549MS8G Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
5 - 540
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC549MS8G / 549MS8GE
v01.0106
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 8
Vdd1, Vdd2
Power supply voltage for the first stage. An external choke
inductor is required. See application circuit.
2
FEED
Feedback capacitor for the first stage.
3RFIN
This pin is DC coupled and requires a DC blocking cap.
See application circuit.
4ACG1
This pin has to be terminated by an external capacitor.
See application circuit.
5
RFOUT
RF differential output 2. This port is DC coupled.
6
RFOUT
RF differential output 1. This port is DC coupled.
7ACG2
This pin has to be terminated by an external capacitor.
See application circuit.
8Vdd2
Power supply voltage for second stage. An external choke
inductor is required. See application circuit.
DUAL OUTPUT LOW NOISE
AMPLIFIER, 0.04 - 0.96 GHz


Similar Part No. - HMC549MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC549MS8G HITTITE-HMC549MS8G Datasheet
282Kb / 8P
   DUAL OUTPUT LOW NOISE AMPLIFIER, 0.04 - 0.96 GHz
HMC549MS8GE HITTITE-HMC549MS8GE Datasheet
282Kb / 8P
   DUAL OUTPUT LOW NOISE AMPLIFIER, 0.04 - 0.96 GHz
logo
Analog Devices
HMC549MS8GE AD-HMC549MS8GE Datasheet
1Mb / 8P
   DUAL OUTPUT LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC549MS8G HITTITE-HMC549MS8G_10 Datasheet
282Kb / 8P
   DUAL OUTPUT LOW NOISE AMPLIFIER, 0.04 - 0.96 GHz
More results

Similar Description - HMC549MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC549MS8G HITTITE-HMC549MS8G_10 Datasheet
282Kb / 8P
   DUAL OUTPUT LOW NOISE AMPLIFIER, 0.04 - 0.96 GHz
logo
Analog Devices
HMC549MS8GE AD-HMC549MS8GE Datasheet
1Mb / 8P
   DUAL OUTPUT LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
F6921 RENESAS-F6921_V01 Datasheet
887Kb / 17P
   Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
   Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
   Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
F6921 RENESAS-F6921 Datasheet
128Kb / 3P
   Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
   Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com