Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8237-8000 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8237-8000
Description  3M D Sub Plug
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8237-8000 Datasheet(HTML) 1 Page - 3M Electronics

  8237-8000 Datasheet HTML 1Page - 3M Electronics 8237-8000 Datasheet HTML 2Page - 3M Electronics 8237-8000 Datasheet HTML 3Page - 3M Electronics 8237-8000 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MD Sub Plug
8200 Series
Physical
Electrical
Environmental
*RoHS = Directive 2002/95/EC,
Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: Copper Alloy
Plating:
Underplating: 100
µ″ [ 2.54 µm ] Nickel - QQ-N-290, Class 2
Wiping Area: 30
µ″ [ 0.76 µm ] Gold - MIL-G-45204, Type II, Grade C
Shell
Material: Steel
Plating: Tin
Strain Relief Material: Stainless Steel .016 (0.40) Thick
Wire Accommodation: 26 and 28 AWG Solid or Stranded
Marking:
3M Logo and Contact Position Numbers
Current Rating:
1 A
Insulation Resistance: > 1
× 109Ω at 500 VDC
Withstanding Voltage:
1000 Vrms at Sea Level
Temperature Rating:
-55
°C to +105°C
TS-0234-21
Sheet 1 of 3
• Available in either preassembled or two piece
covers
• Available in either open or closed end cover
• Available with dimples to aid in EMI/ESD
protection
• Improved metal strain relief hooks directly to
metal shell
• Low profile
• Four mounting options
• RoHS* compliant
Date Modified: February 7, 2005
UL File No.: E68080


Similar Part No. - 8237-8000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8237-010100 BELDEN-8237-010100 Datasheet
138Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
8237-0101000 BELDEN-8237-0101000 Datasheet
138Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
8237-010500 BELDEN-8237-010500 Datasheet
138Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
logo
3M Electronics
8237-6000 3M-8237-6000 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
8237-6003 3M-8237-6003 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
More results

Similar Description - 8237-8000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8200 3M-8200 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
8350 3M-8350 Datasheet
321Kb / 4P
   3M??D Sub Socket
926781-01-10-I 3M-926781-01-10-I Datasheet
254Kb / 5P
   3M??D Ribbon Wiremount Plug
3572-1000 3M-3572-1000 Datasheet
488Kb / 4P
   3M D Ribbon Wiremount Plug
3572-1000 3M-3572-1000_07 Datasheet
235Kb / 4P
   3M??D Ribbon Wiremount Plug
3485-2100F 3M-3485-2100F Datasheet
560Kb / 3P
   3M D Sub Junction Shell
logo
Adam Technologies, Inc.
DC37-PA-M1 ADAM-TECH-DC37-PA-M1 Datasheet
80Kb / 1P
   D-SUB PLUG
DD50-PE-1 ADAM-TECH-DD50-PE-1 Datasheet
82Kb / 1P
   D-SUB PLUG
DE09-PUN-24 ADAM-TECH-DE09-PUN-24 Datasheet
90Kb / 1P
   D-SUB PLUG
DE09-PUN-25 ADAM-TECH-DE09-PUN-25 Datasheet
92Kb / 1P
   D-SUB PLUG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com