Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10126-5212VC Datasheet(PDF) 1 Page - 3M Electronics

Part # 10126-5212VC
Description  3M Mini D Ribbon (MDR) Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

10126-5212VC Datasheet(HTML) 1 Page - 3M Electronics

  10126-5212VC Datasheet HTML 1Page - 3M Electronics 10126-5212VC Datasheet HTML 2Page - 3M Electronics 10126-5212VC Datasheet HTML 3Page - 3M Electronics 10126-5212VC Datasheet HTML 4Page - 3M Electronics 10126-5212VC Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3
Interconnect Solutions
http://www.3M.com/interconnects/
3MMini D Ribbon (MDR) Connectors
.050″ Boardmount Thru-Hole Right Angle Plug — Shielded
101 Series
TS-0620-07
Sheet 1 of 4
S
Wiper-on-wiper contact for reliable repetitive
plugging
S
Rugged die cast metal case construction
S
Screw or ground lock PCB retention
S
Normal and reverse “D” interface options for
board to board flexibility
S
IEEE 1284C Interface as a 36 contact
connector
S
Contacts: 20, 26, 36 and 50
Date Modified:May 30, 2003
Physical
Insulation
Material: Glass Reinforced Polyester (PCT) -- Body
Glass Reinforced Polyester (PBT) -- Alignment Plate
Flammability: UL 94V-0
Color: Black
Contact
Material: Copper Alloy (C521)
Plating
Underplating: 80 µ″ (2.54 µm) Nickel — QQ-N-290, Class 2
Wiping Area: 30 µ″ (0.76 µm) Min Gold — MIL-G-45204, Type II, Grade C
Body
Material: Zinc Alloy
Plating: Nickel
Ground Plate
Material: Copper Alloy (C521)
Plating: Nickel
Marking: 3M Logo and Part Number
Electrical
Current Rating: 1A
Insulation Resistance: >5 × 108Ω at 500 Vdc
Withstanding Voltage: 500 Vrms for 1 Minute
Environmental
Temperature Rating: --20°Cto +85°C
UL File No.: E68080


Similar Part No. - 10126-5212VC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10126-5212PC 3M-10126-5212PC Datasheet
550Kb / 7P
   3M Mini D Ribbon (MDR) Connectors
More results

Similar Description - 10126-5212VC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10214-55G3JL 3M-10214-55G3JL Datasheet
532Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10314-52F0-008 3M-10314-52F0-008 Datasheet
309Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
3341-XX 3M-3341-XX Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
10336-3210 3M-10336-3210 Datasheet
312Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
N10226-5213PC 3M-N10226-5213PC Datasheet
399Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10214-6202VC 3M-10214-6202VC Datasheet
395Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
N102A0-52B2VC 3M-N102A0-52B2VC Datasheet
440Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
1021455G3PL 3M-1021455G3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com