Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABTL3205BB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABTL3205BB
Description  10-bit BTL transceiver with registers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTL3205BB Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABTL3205BB Datasheet HTML 1Page - NXP Semiconductors 74ABTL3205BB Datasheet HTML 2Page - NXP Semiconductors 74ABTL3205BB Datasheet HTML 3Page - NXP Semiconductors 74ABTL3205BB Datasheet HTML 4Page - NXP Semiconductors 74ABTL3205BB Datasheet HTML 5Page - NXP Semiconductors 74ABTL3205BB Datasheet HTML 6Page - NXP Semiconductors 74ABTL3205BB Datasheet HTML 7Page - NXP Semiconductors 74ABTL3205BB Datasheet HTML 8Page - NXP Semiconductors 74ABTL3205BB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74ABTL3205
10-bit BTL transceiver with registers
2
1995 Jun 16
853-1802 15352
FEATURES
10-bit BTL transceiver
Drives heavily loaded backplanes with equivalent load
impedances down to 10 ohms
High drive 100mA BTL open collector drivers on B-port
Allows incident wave switching in heavily loaded backplane buses
Reduced BTL voltage swing produces less noise and reduces
power consumption
Built-in precision band-gap reference provides accurate receiver
thresholds and improved noise immunity
Compatible with IEEE Futurebus+ or proprietary BTL backplanes
Controlled output ramp and multiple GND pins minimize ground
bounce
Tight output skew (0.5nsec typical)
Glitch-free power up/down operation
Low I
CC current
Supports live insertion
High density packaging
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
This transceiver is a 10 bit bidirectional transceiver and is intended
to provide the electrical interface to a high performance wired-OR
bus.
The B-port drivers are Low-capacitance open collectors with
controlled ramp and are designed to sink 100mA. Precision band
gap references on the B-port insure very good margins by limiting
the switching threshold to a narrow region centered at 1.55V.
The B-port interfaces to “Backplane Transceiver Logic” (See the
IEEE 1194.1 BTL standard). BTL features low power consumption
by reducing voltage swing (1V p-p, between 1V and 2V) and
reduced capacitive loading (<6pF) by placing an internal series
diode on the drivers. BTL also provides incident wave switching, a
necessity for high performance backplanes.
To support live insertion, OEB is held Low during power on/off cycles
to insure glitch free B port drivers. Proper bias for B port drivers
during live insertion is provided by the BIAS V pin when at a 5V level
while VCC is Low. The BIAS V pin is a low current input which will
reverse bias the BTL driver series Schottky diode, and also bias the
B port output pins to a voltage between 1.62V and 2.1V. This bias
function is in accordance with IEEE BTL standard 1194.1. If live
insertion is not a requirement, the BIAS V pin should be tied to a
VCC pin.
The LOGIC GND and BUS GND pins are isolated inside the
package to minimize noise coupling between the BTL and TTL
sides. These pins should be tied to a common ground external to the
package. The LOGIC VCC and BUS VCC pins are also isolated
internally to minimize noise and may be externally decoupled
separately or simply tied together.
This transceiver function is intended to operate in a half-duplex
mode. Low current in standby mode is obtained by powering down
unused circuitry. Likewise, transmit circuitry is powered down when
in receive mode and receive circuitry is powered down while in
transmit mode.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
TYPICAL
UNIT
tPLH
Propagation delay
3.3
ns
tPHL
An to Bn
3.7
ns
tPLH
Propagation delay
3.6
ns
tPHL
Bn to An
3.5
ns
COB
Output capacitance (B0 - B8) only)
6
pF
IOL
Output current (B0 - B8) only)
100
mA
Standby
1
ICC
Supply current
An to Bn
7
mA
Bn to An
18
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
52-PIN PQFP
–40
°C to +85°C
74ABTL3205 BB
74ABTL3205 BB
SOT379-1


Similar Part No. - 74ABTL3205BB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74ABT NSC-74ABT Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
Nexperia B.V. All right...
74ABT00 NEXPERIA-74ABT00 Datasheet
207Kb / 10P
   Quad 2-input NAND gate
Rev. 4 - 5 October 2020
logo
NXP Semiconductors
74ABT00D PHILIPS-74ABT00D Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
Nexperia B.V. All right...
74ABT00D NEXPERIA-74ABT00D Datasheet
207Kb / 10P
   Quad 2-input NAND gate
Rev. 4 - 5 October 2020
More results

Similar Description - 74ABTL3205BB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
logo
Texas Instruments
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
logo
National Semiconductor ...
DS3886A NSC-DS3886A Datasheet
187Kb / 11P
   BTL 9-Bit Latching Data Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com