Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABTL3205 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ABTL3205
Description  10-bit BTL transceiver with registers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTL3205 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ABTL3205 Datasheet HTML 4Page - NXP Semiconductors 74ABTL3205 Datasheet HTML 5Page - NXP Semiconductors 74ABTL3205 Datasheet HTML 6Page - NXP Semiconductors 74ABTL3205 Datasheet HTML 7Page - NXP Semiconductors 74ABTL3205 Datasheet HTML 8Page - NXP Semiconductors 74ABTL3205 Datasheet HTML 9Page - NXP Semiconductors 74ABTL3205 Datasheet HTML 10Page - NXP Semiconductors 74ABTL3205 Datasheet HTML 11Page - NXP Semiconductors 74ABTL3205 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74ABTL3205
10-bit BTL transceiver with registers
1995 Jun 16
8
LIVE INSERTION SPECIFICATIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VBIASV
Bias pin DC current
VCC = 0 to 5.25V, Bn = 0 to 2.0 V
4.5
5.5
V
IBIASV
Bias pin DC current
VCC = 0 to 4.75 V, Bn = 0 to 2.0V,
Bias V = 4.5 to 5.5V
1
mA
IBIASV
Bias in DC current
VCC = 4.5 to 5.5V, Bn = 0 to 2.0 V,
Bias V = 4.5 to 5.5V
10
µA
Bn
Bus voltage during prebias
B0 – B8 = 0V, Bias V = 5.0V
1.62
2.1
V
AC ELECTRICAL CHARACTERISTICS
A PORT LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
VCC = 5V
CL = 50pF, CL = 500Ω
Tamb = –40°C to +85°C
VCC = 5V ± 10%
CL = 50pF, CL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
Propagation delay
Waveform 2
2.0
3.6
6.5
2.0
7.3
ns
tPHL
gy
Bn to An
Waveform 2
1.8
3.5
6.1
1.8
6.7
ns
tPLH
Propagation delay,
Waveform 2
2.0
3.8
6.5
2.0
7.3
ns
tPHL
gy
BCLK1 to ACLK1
Waveform 2
1.8
3.6
6.1
1.8
6.7
ns
tPLH
Propagation delay
Waveform 2
2.0
3.7
6.5
2.0
7.3
ns
tPHL
gy
BCLK1 to ACLKin
Waveform 2
1.8
3.7
6.1
1.8
6.7
ns
tPLH
Propagation delay
Waveform 2
2.0
3.7
6.5
2.0
7.3
ns
tPHL
gy
BCLK2 to ACLK2
Waveform 2
1.8
3.9
6.1
1.8
6.7
ns
tPLH
Propagation delay
Waveform 2
2.0
3.8
6.5
2.0
7.3
ns
tPHL
gy
BCLK2 to AFP
Waveform 2
1.8
3.9
6.1
1.8
6.7
ns
tPZH
Output Enable time
Waveform 1 2
2.0
3.8
6.5
2.0
7.3
ns
tPLZ
OEA1, OEA2, IEA to An
Waveform 1, 2
1.8
2.5
6.1
1.8
6.7
ns
tPHZ
Output Disable time
Waveform 4 5
1.6
2.5
5.6
1.4
5.7
ns
tPLZ
OEA1, OEA2, IEA to An
Waveform 4, 5
2.0
3.3
7.8
1.8
8.2
ns
tTLH
tTHL
Output transition time, An Port
10% to 90%, 90% to 10%
Test Circuit and
Waveforms
3.0
1.7
7.0
4.0
ns
tSK(p)
Pulse skew2
|tPHL – tPLH| MAX
Waveform 3
2.0
ns
NOTES:
1. | tPN actual – tPM actual | for any data input to output path compared to any other data input to output path where N and M are either LH or
HL. Skew times are valid only under same test conditions (temperature, VCC, loading, etc.).
2. tSK(p) is used to quantify duty cycle characteristics. In essence it compares the input signal duty cycle to the corresponding output signal
duty cycle. (50MHz input frequency and 50% duty cycle, tested on data paths only).


Similar Part No. - 74ABTL3205

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74ABT NSC-74ABT Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
Nexperia B.V. All right...
74ABT00 NEXPERIA-74ABT00 Datasheet
207Kb / 10P
   Quad 2-input NAND gate
Rev. 4 - 5 October 2020
logo
NXP Semiconductors
74ABT00D PHILIPS-74ABT00D Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
Nexperia B.V. All right...
74ABT00D NEXPERIA-74ABT00D Datasheet
207Kb / 10P
   Quad 2-input NAND gate
Rev. 4 - 5 October 2020
More results

Similar Description - 74ABTL3205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
logo
Texas Instruments
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
logo
National Semiconductor ...
DS3886A NSC-DS3886A Datasheet
187Kb / 11P
   BTL 9-Bit Latching Data Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com