Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC499LC4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC499LC4
Description  SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC499LC4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC499LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC499LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC499LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC499LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC499LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC499LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5
5 - 519
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Broadband Gain & Return Loss
Gain vs. Temperature
P1dB vs. Temperature
Psat vs. Temperature
-20
-15
-10
-5
0
5
10
15
20
18
20
22
24
26
28
30
32
34
S21
S11
S22
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
20
21
22
23
24
25
26
27
28
29
30
31
32
33
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-20
-15
-10
-5
0
20
21
22
23
24
25
26
27
28
29
30
31
32
33
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-15
-12
-9
-6
-3
0
20
21
22
23
24
25
26
27
28
29
30
31
32
33
+25 C
+85 C
-40 C
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
26
28
30
20
21
22
23
24
25
26
27
28
29
30
31
32
33
+25 C
+85 C
-40 C
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
26
28
30
20
21
22
23
24
25
26
27
28
29
30
31
32
33
+25 C
+85 C
-40 C
FREQUENCY (GHz)
HMC499LC4
SMT PHEMT MEDIUM
POWER AMPLIFIER, 21 - 32 GHz
v00.1204


Similar Part No. - HMC499LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC499LC4 HITTITE-HMC499LC4 Datasheet
244Kb / 6P
   SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499LC4 HITTITE-HMC499LC4 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC499LC4 AD-HMC499LC4 Datasheet
373Kb / 6P
   Point-to-Point Radios
HMC499LC4 AD-HMC499LC4 Datasheet
314Kb / 6P
   SMT PHEMT MEDIUM POWER AMPLIFIER
HMC499LC4 AD-HMC499LC4 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC499LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC499LC4 HITTITE-HMC499LC4_09 Datasheet
244Kb / 6P
   SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499 HITTITE-HMC499_09 Datasheet
263Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499 HITTITE-HMC499 Datasheet
217Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 21 - 32 GHz
logo
Analog Devices
ADH499S AD-ADH499S Datasheet
209Kb / 7P
   21 - 32 GHz Medium Power Amplifier
Rev. A
HMC499LC4 AD-HMC499LC4_18 Datasheet
314Kb / 6P
   SMT PHEMT MEDIUM POWER AMPLIFIER
logo
TriQuint Semiconductor
TGA9088A-SCC TRIQUINT-TGA9088A-SCC_15 Datasheet
166Kb / 8P
   17-21 GHz Medium Power Amplifier
TGA9088A-SCC TRIQUINT-TGA9088A-SCC Datasheet
165Kb / 8P
   17-21 GHz Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC341LC3B HITTITE-HMC341LC3B Datasheet
295Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
HMC341LC3B HITTITE-HMC341LC3B_09 Datasheet
206Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
HMC498LC4 HITTITE-HMC498LC4_09 Datasheet
231Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com