Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC497LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC497LP4
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC497LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC497LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
9
9 - 28
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
ACPR & Output Noise @ 20 MHz Offset
for WCDMA @ 2140 MHz
Output Noise @ 20 MHz Offset
vs. LO Power Over Temperature
-80
-75
-70
-65
-60
-170
-160
-150
-140
-130
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
WCDMA CHANNEL POWER (dBm)
-165
-160
-155
-150
-145
-140
-6
-5
-4
-3
-2
-1
012345
6
T=+25C
T=+85C
T=- 40C
LO POWER (dBm)
-50
-40
-30
-20
-10
0
10
0.8
0.9
1
2
2 TONES OUTPUT POWER (dBm)
3rd ORDER INTERMOD (dBm)
INPUT BASEBAND VOLTAGE PER TONE (Vp-p diff)
Compression Characteristic @ 2140 MHz
Note 1: W-CDMA (Modulation Set-up for ACPR Mode); The Baseband I and Q input signals were generated using “Test Model 1 with 64 channels”
settings in the Agilent E3844C.
Note 2: The I/Q baseband amplitude and phase inputs were offset to achieve Sideband Rejection (SBR) levels. LO = +6 dBm, SSB Power = 0 dBm
Power & Linearity @ 2140 MHz
vs. Baseband Voltage
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
0.8
0.9
1
2
INPUT BASEBAND VOLTAGE (Vp-p diff)
OUTPUT IP3
OUTPUT POWER
HMC497LP4 / 497LP4E
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 100 - 4000 MHz
v02.0506
EVM vs. LO Harmonic Level & Sideband
Rejection for EDGE @ 900 MHz
400
500
600
700
800
900
1000
1100
1200
-70
-65
-60
-55
-50
-45
-40
-35
-30
-30 dBc
-16 dBc
LO 3
rd Harmonic Level (dBc)
LO 2
nd Harmonic Level
SBR: -40 dBc
2
SBR: -48 dBc
2
EVM vs. LO Harmonic Level & Sideband
Rejection for EDGE @ 1900 MHz
600
800
1000
1200
1400
1600
1800
2000
-30
-25
-20
-15
-10
-5
-70 dBc
-30 dBc
LO 2
nd Harmonic Level (dBc)
LO 3
rd Harmonic Level
SBR: -42 dBc
2
SBR: -48 dBc
2


Similar Part No. - HMC497LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC497LP4 HITTITE-HMC497LP4 Datasheet
370Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC497LP4E HITTITE-HMC497LP4E Datasheet
370Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC497LP4 HITTITE-HMC497LP4_09 Datasheet
370Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
More results

Similar Description - HMC497LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC497LP4 HITTITE-HMC497LP4_09 Datasheet
370Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4_08 Datasheet
269Kb / 8P
   SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4 Datasheet
259Kb / 8P
   SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC495LP3 HITTITE-HMC495LP3 Datasheet
618Kb / 12P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC495LP3 HITTITE-HMC495LP3_08 Datasheet
428Kb / 12P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC697LP4 HITTITE-HMC697LP4 Datasheet
310Kb / 8P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 200 - 4000 MHz
HMC496LP3 HITTITE-HMC496LP3_11 Datasheet
558Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 4 - 7 GHz
HMC496LP3 HITTITE-HMC496LP3 Datasheet
479Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 4.0 - 7.0 GHz
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com